Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPIL Datasheet(PDF) 2 Page - Electronic devices inc.

Part # MPIL
Description  40/50 AMPERE SINGLE-PHASE, FULL-WAVE BRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

MPIL Datasheet(HTML) 2 Page - Electronic devices inc.

  MPIL Datasheet HTML 1Page - Electronic devices inc. MPIL Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1
Figure 2
Figure 3
NON-REPETITIVE SURGE CURRENT
100
1
2
4
6
10
20
40
60
8
NUMBER OF CYCLES AT 60 CPS
NOTE: For large capacitive load derate by up to 20%
FPIL and MPIL MECHANICAL OUTLINE
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
200
80 100
Dielectric test voltage 2,500 voltsrms, max. 50-60Hz.
.20TYP
ON CENTERS
.193 DIA
THRU HOLE
METAL
HEAT SINK
Ee-mail:sales@e-edi.com Wwebsite: http://www.e-edi.com
*
1000
800
600
400
40
60
80
MPIL
FPIL
CURRENT DERATING
30
60
20
10
50
0
40
80
120
160
60
100
140
180
40
Tc CASE TEMPERATURE (
OC)
AC
.750 MIN
.405
MAX
FPIL
MPIL
+
_
.050
DIA.TYP.
1/8 NOM.
ALL DIMENSIONS
IN INCHES
FPIL
50
70
90
110
130
150
170
MPIL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com