Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2101PZ Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ Datasheet(HTML) 2 Page - Texas Instruments

  TNETE2101PZ Datasheet HTML 1Page - Texas Instruments TNETE2101PZ Datasheet HTML 2Page - Texas Instruments TNETE2101PZ Datasheet HTML 3Page - Texas Instruments TNETE2101PZ Datasheet HTML 4Page - Texas Instruments TNETE2101PZ Datasheet HTML 5Page - Texas Instruments TNETE2101PZ Datasheet HTML 6Page - Texas Instruments TNETE2101PZ Datasheet HTML 7Page - Texas Instruments TNETE2101PZ Datasheet HTML 8Page - Texas Instruments TNETE2101PZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TNETE2101 physical-layer (PHY) device from Texas Instruments (TI
™) is a single-chip, high-performance
solution for a range of 10BASE-T, 100BASE-TX, and 100BASE-FX networking systems (see Figure 1). The
highly integrated TNETE2101 includes an on-board media-independent interface (MII) for simple connection
to IEEE Std 802.3-compliant media-access controls (MACs). The device integrates all filtering and rise-time
control functions for a cost-effective and space-saving PHY solution. Built-in autonegotiation allows automatic
selection of half-/full-duplex 10BASE-T or 100BASE-TX, with an autopolarity-correction feature for immunity
to receive-pair reversal.
ACPLL
ACBLW
ACAGC
VDDA
VDDA
AIREF
VSSA
ATXREF
VSSA
VSSA
XTAL1
XTAL2
VDDA
VDDA
NC
VSSA
NC
CDEVSEL0
CDEVSEL1
CDEVSEL2
CREPEATER
CFIBER
VDD
LACTIVITY
LDUPCOL
VSS
NC
JTDI
VDD5
JTDO
VSS
JTCLK
JTMS
JTRST
MTCLK
VDD
NC
MTXD0
MTXD1
MTXD2
MTXD3
VSS
MTXEN
MTXER
MCOL (CDEVSEL4)
MCRS
MRCLK
VDD
MRXD0
VDD5
PZ PACKAGE
(TOP VIEW)
NC – No connection (no external connection allowed)
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com