| Electronic Components Datasheet Search |
|
TNETE2101APZ Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2101APZ Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 39 page ![]() TNETE2101 10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE SPWS032D – JANUARY 1997 – REVISED MARCH 1999 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MII frame format The default or IDLE state of the MII is a logic 1. All 3-state drivers are disabled and the PHY pullup resistor pulls the management data input/output (MDIO) line to a logic 1. Before initiating any other transaction, the station management entity sends a preamble sequence of contiguous logic-1 bits on MDIO with 32 corresponding cycles on MDCLK. This sequence provides the PHY a pattern to use to establish synchronization. A PHY observes the sequence of 32 contiguous 1 bits on MDIO with 32 corresponding cycles on MDCLK before responding to any other transactions. See Figures 5 and 6 for MII frame formats. Start Delimiter Operation Code PHY Address Register Address Turnaround Data 01 10 AAAAA RRRRR 10 DDDD.DDDD.DDDD.DDDD Figure 5. MII Read Frame Format Start Delimiter Operation Code PHY Address Register Address Turnaround Data 01 01 AAAAA RRRRR 10 DDDD.DDDD.DDDD.DDDD Figure 6. MII Write Frame Format start delimiter The start of a frame is indicated by a 01 pattern. This pattern specifies transitions from the default logic-1 line state to 0 and then back to 1. operation code The operation code for a read is 10, and the code for a write is 01. PHY address The PHY address is five bits, providing 32 unique PHY addresses. The first PHY address bit transmitted and received is the most significant bit of the address. The TNETE2101 address is set using CDEVSEL0–CDEVSEL2, CDEVSEL 3 (SLINK), and CDEVSEL4 (MCOL). register address The register address is 5 bits, providing 32 individual registers to be addressed within each PHY. See Figure 4 for the addresses of individual registers. turnaround An idle-bit time, during which no device actively drives the MDIO signal, is inserted between the register address field and the data field of a read frame to avoid contention. During a read frame, the PHY drives a 0 bit onto MDIO for the bit time that follows the idle bit and precedes the data field. During a write frame, this field consists of a 1 bit followed by a 0 bit. data The data field is 16 bits. The first data bit transmitted and received is the most significant bit of the data payload. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |