| Electronic Components Datasheet Search |
|
ICS1893CFILF Datasheet(PDF) 69 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILF Datasheet(HTML) 69 Page - Integrated Circuit Systems |
|
69 / 126 page ![]() Chapter 7 Management Register Set ICS1893CF, Rev. F, 03/01/07 Mar. 2007 69 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.11 Register 16: Extended Control Register Table 7-16 lists the bits for the Extended Control Register, which the ICS1893CF provides to allow an STA to customize the operations of the device. Note: 1. For an explanation of acronyms used in Table 7-16, see Chapter 1, “Abbreviations and Acronyms”. 2. During any write operation to any bit in this register, the STA must write the default value to all Reserved bits. † The default is the state of this pin at reset. Table 7-16. Extended Control Register (register 16 [0x10]) Bit Definition When Bit = 0 When Bit = 1 Ac- cess SF De- fault Hex 16.15 Command Override Write enable Disabled Enabled RW SC 0 – 16.14 ICS reserved Read unspecified Read unspecified RW/0 – 0 16.13 ICS reserved Read unspecified Read unspecified RW/0 – 0 16.12 ICS reserved Read unspecified Read unspecified RW/0 – 0 16.11 ICS reserved Read unspecified Read unspecified RW/0 – 0 – 16.10 PHY Address Bit 4 For a detailed explanation of this bit’s operation, see Section 5.5, “Status Interface”. RO – P4RD† 16.9 PHY Address Bit 3 For a detailed explanation of this bit’s operation, see Section 5.5, “Status Interface”. RO – P3TD† 16.8 PHY Address Bit 2 For a detailed explanation of this bit’s operation, see Section 5.5, “Status Interface”. RO – P2LI† 16.7 PHY Address Bit 1 For a detailed explanation of this bit’s operation, see Section 5.5, “Status Interface”. RO – P1CL† – 16.6 PHY Address Bit 0 For a detailed explanation of this bit’s operation, see Section 5.5, “Status Interface”. RO – P0AC† 16.5 Stream Cipher Test Mode Normal operation Test mode RW – 0 16.4 ICS reserved Read unspecified Read unspecified RW/0 – – 16.3 NRZ/NRZI encoding NRZ encoding NRZI encoding RW – 1 8 16.2 Transmit invalid codes Disabled Enabled RW – 0 16.1 ICS reserved Read unspecified Read unspecified RW/0 – 0 16.0 Stream Cipher disable Stream Cipher enabled Stream Cipher disabled RW – 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |