Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS23 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FS23
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS23 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FS23 Datasheet HTML 54Page - NXP Semiconductors FS23 Datasheet HTML 55Page - NXP Semiconductors FS23 Datasheet HTML 56Page - NXP Semiconductors FS23 Datasheet HTML 57Page - NXP Semiconductors FS23 Datasheet HTML 58Page - NXP Semiconductors FS23 Datasheet HTML 59Page - NXP Semiconductors FS23 Datasheet HTML 60Page - NXP Semiconductors FS23 Datasheet HTML 61Page - NXP Semiconductors FS23 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
aaa-051453
Floating
(ex: door switch open)
1
0
GND
(ex: door switch closed)
LOW level
detected
Cyclic sense
activation
HS1
(ex: driven by
timer1).
Door state
HVIO1
Sampling
Sampling
HIGH level
detected
Flag
generated
Figure 31. Cyclic sense example with HS1 and HVIO1
External components, a serial resistor, and a capacitor-resistor-capacitor filter, are necessary to limit the current
delivered by the high-side driver and protect the high-voltage input pin, used as a global input. See Section 25
for more details.
aaa-051454
FS23
Door
switch
HS1
HVIO1
Figure 32. Cyclic sense schematic example with HS1 and HVIO1
A dedicated open-load detection is implemented to detect hardware disconnection between the HSx and the
associated input pin when cyclic sense is enabled. The overtemperature and overcurrent monitoring features
are also active in Cyclic Sense mode. If any of these faults occurs, the functionality is disabled, and depending
on HS_FLT_WU_FORCE bit, the device can be forced to wake up.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
58 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com