Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431IP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TL431IP
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431IP Datasheet(HTML) 2 Page - NXP Semiconductors

  TL431IP Datasheet HTML 1Page - NXP Semiconductors TL431IP Datasheet HTML 2Page - NXP Semiconductors TL431IP Datasheet HTML 3Page - NXP Semiconductors TL431IP Datasheet HTML 4Page - NXP Semiconductors TL431IP Datasheet HTML 5Page - NXP Semiconductors TL431IP Datasheet HTML 6Page - NXP Semiconductors TL431IP Datasheet HTML 7Page - NXP Semiconductors TL431IP Datasheet HTML 8Page - NXP Semiconductors TL431IP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
2
1997 Feb 25
853–1927 17795
DESCRIPTION
The TL431 and TL431A are 3-terminal adjustable shunt regulators
with specified thermal stability over applicable automotive and
commercial temperature ranges. The output voltage may be set to
any value between VREF (approximately 2.5V) and 36V with two
external resistors (see Figure 4). These devices have a typical
output impedance of 0.2
Ω. Active output circuitry provides a very
sharp turn-on characteristic, making these devices excellent
replacements for zener diodes in many applications like on-board
regulation, adjustable power supplies and switching power supplies.
The TL431C and TL431AC are characterized for operation from
0
°C to +70°C; the TL431I and TL431AI are characterized for
operation from –40
°C to +85°C.
FEATURES
• Equivalent full-range temperature coefficient: 30ppm/°C
• 0.2Ω typical output impedance
• Sink current capability: 1mA to 100mA
• Low output noise
• Adjustable output voltage: V
REF to 36V
PIN CONFIGURATIONS
1
2
3
45
6
7
8
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
CATHODE
ANODE
REF
M, D Package
SOT96-1
1
2
3
45
6
7
8
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
N, P Package
SOT97-1
Z, LP, U Package
SOT54
SL01167
TOP VIEW
TOP VIEW
Figure 1.
Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE
RANGE
INDUSTRY STANDARD
PART NUMBER
ORDER CODE
DWG #
3-Pin Plastic TO92 2
0
°C to +70°C
TL431CLP
TL431CLPU
SOT54
3-Pin Plastic TO92 2
0
°C to +70°C
TL431ACLP
TL431ACLPU
SOT54
3-Pin Plastic TO92 2
–40
°C to +85°C
TL431ILP
TL431ILPU
SOT54
3-Pin Plastic TO92 2
–40
°C to +85°C
TL431AILP
TL431AILPU
SOT54
3-Pin Plastic TO92 2
0
°C to +70°C
LM431ACZ
LM431ACZU
SOT54
8-Pin Plastic Small Outline (SO) package
0
°C to +70°C
TL431CD
TL431CD
SOT96-1
8-Pin Plastic Small Outline (SO) package
–40
°C to +85°C
TL431ID
TL431ID
SOT96-1
8-Pin Plastic Small Outline (SO) package
0
°C to +70°C
TL431ACD
TL431ACD
SOT96-1
8-Pin Plastic Small Outline (SO) package
–40
°C to +85°C
TL431AID
TL431AID
SOT96-1
8-Pin Plastic Small Outline (SO) package
0
°C to +70°C
LM431ACM
LM431ACMD
SOT96-1
8-Pin Plastic Dual In-Line package (DIP)
0
°C to +70°C
TL431CP
TL431CPN
SOT97-1
8-Pin Plastic Dual In-Line package (DIP)
–40
°C to +85°C
TL431IP
TL431IPN
SOT97-1
8-Pin Plastic Dual In-Line package (DIP)
0
°C to +70°C
TL431ACP
TL431ACPN
SOT97-1
8-Pin Plastic Dual In-Line package (DIP)
–40
°C to +85°C
TL431AIP
TL431AIPN
SOT97-1
NOTE:
1. SYMBOL INFORMATION: Parts will be marked with product name including temperature and electrical grade desginators, but not the
package identifier.
2. TO92 is normally shipped in bulk, i.e., in plastic bags (containing 1,000 parts), 5 bags per box. Tape and reel (or ammo box) is an option.
See page 15 for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com