Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431C Datasheet(PDF) 3 Page - STMicroelectronics

Part # 431C
Description  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

431C Datasheet(HTML) 3 Page - STMicroelectronics

  431C Datasheet HTML 1Page - STMicroelectronics 431C Datasheet HTML 2Page - STMicroelectronics 431C Datasheet HTML 3Page - STMicroelectronics 431C Datasheet HTML 4Page - STMicroelectronics 431C Datasheet HTML 5Page - STMicroelectronics 431C Datasheet HTML 6Page - STMicroelectronics 431C Datasheet HTML 7Page - STMicroelectronics 431C Datasheet HTML 8Page - STMicroelectronics 431C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL431
Absolute Maximum Ratings
3/13
2
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to Anode Voltage
37
V
Ik
Continuous Cathode Current Range
-100 to +150
mA
Iref
Reference Input Current Range
-0.05 to +10
mA
Pd
Power Dissipation (1)
TO92
SO-8 batwing
1.
Pd is calculated with Tamb = +25°C, Tj = +150°C and
Rthja = 200°C/W for TO92 package
Rthja = 130°C/W for SO-8 batwing package
625
960
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to Anode Voltage
Vref to 36
V
Ik
Cathode Current
1 to 100
mA
Toper
Operating Free-air Temperature Range
TL431C/AC
TL431I/AI
0 to +70
-40 to +105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com