Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R4087 Datasheet(PDF) 13 Page - Hollingsworth

Part # R4087
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4087 Datasheet(HTML) 13 Page - Hollingsworth

Back Button R4087 Datasheet HTML 9Page - Hollingsworth R4087 Datasheet HTML 10Page - Hollingsworth R4087 Datasheet HTML 11Page - Hollingsworth R4087 Datasheet HTML 12Page - Hollingsworth R4087 Datasheet HTML 13Page - Hollingsworth R4087 Datasheet HTML 14Page - Hollingsworth R4087 Datasheet HTML 15Page - Hollingsworth R4087 Datasheet HTML 16Page - Hollingsworth R4087 Datasheet HTML 17Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
12/10 Female Slip-Ons
CMA Range 5180-13,100
Barrel Inside Diameter .129"/ 3.27 mm
Material: BRASS
Thickness: .018" / .457 mm
Basic Dimensions
Non-Insulated
NEMA
W
W
T
T
E
E
L
L
Hand Tool
E
E
L
L
TAB
In.
mm
In.
mm
NIT
In.
mm
In.
mm
H270 Die
NIT-IG
In.
mm
In.
mm
.020 x.187
.233 5.92
.026 .660
SO9308 *
.250
6.35
.69
17.53
H4A
.032 x.187
.233 5.92
.026 .660
SO9312 *
.250
6.35
.69
17.53
H4A
.032 x.250
.300 7.62
.065 1.65
SO9300 *
.300
7.62
.72
17.53
H4A
SO9180
.300
7.62
.89
22.61
.032 x.250
.300 7.62
.065 1.65
SO9176● †
.300
7.62
.72
17.53
27058
zy * UL Listed for 12 AWG only
● Not UL listed
† True Barrel – 1 pc part
SO9300 = SO9076 & 1049 sleeve
y
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Insul. Dia.
.265" / 6.73 mm
Insul. Dia.
.239" / 6.07 mm
NEMA
W
W
T
T
Funnel
E
E
L
L
Hand
Funnel
E
E
L
L
TAB
In.
mm
In.
mm FIT
In.
mm
In.
mm
Tool FIIG
In.
mm
In.
mm
.020 x.187 .233 5.92 .026 .660 SO9309F
.250 6.35 1.00 25.40
H6E XSO9310N † .250 6.35 1.00 25.40
.032 x.187 .233 5.92 .026 .660 SO9313F
.250 6.35 1.00 25.40
H6E XSO9314N † .250 6.35 1.00 25.40
.032 x.250 .300 7.62 .065 1.65 SO9301F
.300 7.62 1.08 25.40 H6EC XSO9302N † .300 7.62 1.06 19.81
Hand Tool
H6E
zy
UL Listed for 12 AWG Only
zy
UL Listed for 12 AWG Only
† 4 pc part
22/18 • 16/14 • 12/10 Piggy Back Slip-Ons
Material: BRASS
Thickness:
.016" / .406 mm
Basic Dimensions
Non-Insulated
Insul.
I.D.
CMA
Wire
NEMA
L
Hand
H270
L
Hand
H270
Color
In./mm.
Range
Range
Tab
NIT
In.
Tool
Die
NIT-IG
In.
Tool
Die
Red
.061"/1.55
509-2050
22-18
.032 x.250
SO73159S
.76
H12
27132
SO73161S
.76
H12
27133
Blue
.085"/2.16
2050-5180
16-14
.032 x.250
SO73170S
.76
H12
27135
SO73172S
.76
H12
27136
Yellow
.129"/3.27
5180-13,100
12-10
.032 x .250 SO73181 *
.76
H4A
SO73183 *
.76
27139
zy
* UL Listed for 12 AWG Only
zy
* UL Listed for 12 AWG Only
Basic Dimensions
Insulated (Vinyl)
Insulated (Nylon)
Insul.
I.D.
CMA
Wire
NEMA
Funnel
Ins.
Hand
Ins.
Hand
Color
In./mm.
Range
Range
Tab
FIT
Dia.
L
Tool
NIT-IG
Dia.
L
Tool
Red
.061"/1.55
509-2050
22-18
.032 x.250
SO73163SF
.125
.88
H13
XSO73165SN
.118
.88
H43
Blue
.085"/2.16
2050-5180
16-14
.032 x.250
SO73174SF
.160
.88
H13
XSO73176SN
.146
.88
H43
Yellow
.129"/3.27
5180-13,100
12-10
.032 x .250 SO73185F *
.265
1.01
H6E
XSO73187N *
.227
1.03
H6E
zy
* UL Listed for 12 AWG Only
zy
* UL Listed for 12 AWG Only
63
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com