Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R4086 Datasheet(PDF) 21 Page - Hollingsworth

Part # R4086
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4086 Datasheet(HTML) 21 Page - Hollingsworth

Back Button R4086 Datasheet HTML 17Page - Hollingsworth R4086 Datasheet HTML 18Page - Hollingsworth R4086 Datasheet HTML 19Page - Hollingsworth R4086 Datasheet HTML 20Page - Hollingsworth R4086 Datasheet HTML 21Page - Hollingsworth R4086 Datasheet HTML 22Page - Hollingsworth R4086 Datasheet HTML 23Page - Hollingsworth R4086 Datasheet HTML 24Page - Hollingsworth R4086 Datasheet HTML 25Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
1/0 Rings
CMA Range 83,700-119,500
Barrel Inside Diameter .443" / 11.25 mm
Max Wire Diameter
.435” / 11.05 mm
Material: COPPER Thickness: .075" / 1.90 mm
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.695" / 17.65 mm
Stud W
W
R
R
NIT
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In.
mm Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm
1/4
.71
18.03
.53
13.46 R8207B
1.49 37.85 1.85 46.99 R8307BN
2.18
55.37
2.55
64.77
1/4
.88
22.35
.53
13.46 R8202B
1.49 37.85 1.93 49.02 R8302BN
2.18
55.37
2.63
66.80
5/16
.71
18.03
.53
13.46 R8208B
1.49 37.85 1.85 46.99 R8308BN
2.18
55.37
2.55
64.77
5/16
.88
22.35
.53
13.46 R8203B
1.49 37.85 1.93 49.02 R8303BN
2.18
55.37
2.63
66.80
3/8
.71
18.03
.53
13.46 R8209B
1.49 37.85 1.85 46.74 R8309BN
2.18
55.37
2.55
64.77
3/8
.88
22.35
.53
13.46 R8204B
1.49 37.85 1.93 49.02 R8304BN
2.18
55.37
2.63
66.80
7/16
.71
18.03
.53
13.46 R8210B
1.49 37.85 1.85 46.74 R8310BN
2.18
55.37
2.55
64.77
7/16
.88
22.35
.53
13.46 R8205B
1.49 37.85 1.93 49.02 R8305BN
2.18
55.37
2.63
66.80
1/2
.71
18.03
.53
13.46 R8216B
1.49 37.85 1.85 46.74 R8316BN
2.18
55.37
2.55
64.77
1/2
.88
22.35
.53
13.46 R8206B
1.49 37.85 1.93 49.02 R8306BN
2.18
55.37
2.63
66.80
Hand Tool
H30/H40
H30/H40
2/0 Rings
CMA Range 119,500-150,500
Barrel Inside Diameter .502" / 12.75 mm
Max Wire Diameter
.490” / 12.45 mm
Material: COPPER Thickness: .083" / 2.10 mm
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.785" / 19.93 mm
Stud W
W
R
R
NIT
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In.
mm Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm
1/4
.93
23.62
.53
13.46 R8220B
1.50 38.10 1.97 50.04 R8320BN
2.23
56.64
2.71
68.83
5/16
.93
23.62
.53
13.46 R8221B
1.50 38.10 1.97 50.04 R8321BN
2.23
56.64
2.71
68.83
3/8
.93
23.62
.53
13.46 R8222B
1.50 38.10 1.97 50.04 R8322BN
2.23
56.64
2.71
68.83
7/16
.93
23.62
.53
13.46 R8223B
1.50 38.10 1.97 50.04 R8323BN
2.23
56.64
2.71
68.83
1/2
.93
23.62
.53
13.46 R8224B
1.50 38.10 1.97 50.04 R8324BN
2.23
56.64
2.71
68.83
Hand Tool
H30/H40
H30/H40
3/0 Rings
CMA Range 150,500-190,900
Barrel Inside Diameter .572" / 14.53 mm
Max Wire Diameter
.560” / 14.22 mm
Material: COPPER Thickness: .093" / 2.36 mm
Insulated (Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.810" / 20.57 mm
Stud
W
W
R
R
NIT
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In.
mm
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
1/4
1.08
27.43
.62
15.75
R8237B
1.63
41.40
2.17
55.12 R8337BN
2.29
58.17
2.87
72.90
5/16
1.08
27.43
.62
15.75
R8238B
1.63
41.40
2.17
55.12 R8338BN
2.29
58.17
2.87
72.90
3/8
1.08
27.43
.62
15.75
R8239B
1.63
41.40
2.17
55.12 R8339BN
2.29
58.17
2.87
72.90
7/16
1.08
27.43
.62
15.75
R8240B
1.63
41.40
2.17
55.12 R8340BN
2.29
58.17
2.87
72.90
1/2
1.08
27.43
.62
15.75
R8241B
1.63
41.40
2.17
55.12 R8341BN
2.29
58.17
2.87
72.90
5/8
1.08
27.43
.62
15.75
R8242B
1.63
41.40
2.17
55.12 R8342BN
2.29
58.17
2.87
72.90
3/4
1.08
27.43
.62
15.75
R8243B
1.63
41.40
2.17
55.12 R8343BN
2.29
58.17
2.87
72.90
Hand Tool
H40
H40
4/0 Rings
CMA Range 190,000-231,000
Barrel Inside Diameter .641" / 16.28 mm
Max Wire Diameter
.635” / 16.01 mm
Material: COPPER Thickness: .105" / 24.39 mm
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.960" / 24.38 mm
Stud
W
W
R
R
NIT
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In.
mm Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm
1/4
1.14
28.96
.62
15.75 R8256B
1.64
41.65
2.21
56.13 R8356BN
2.37
60.20
2.97
75.44
5/16
1.14
28.96
.62
15.75 R8257B
1.64
41.65
2.21
56.13 R8357BN
2.37
60.20
2.97
75.44
3/8
1.14
28.96
.62
15.75 R8258B
1.64
41.65
2.21
56.13 R8358BN
2.37
60.20
2.97
75.44
7/16
1.14
28.96
.62
15.75 R8259B
1.64
41.65
2.21
56.13 R8359BN
2.37
60.20
2.97
75.44
1/2
1.14
28.96
.62
15.75 R8260B
1.64
41.65
2.21
56.13 R8360BN
2.37
60.20
2.97
75.44
5/8
1.14
28.96
.62
15.75 R8261B
1.64
41.65
2.21
56.13 R8361BN
2.37
60.20
2.97
75.44
3/4
1.14
28.96
.62
15.75 R8262B
1.64
41.65
2.21
56.13 R8362BN
2.37
60.20
2.97
75.44
Hand Tool
H40
H40
71
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com