Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8665ARJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8665ARJZ-R2
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665ARJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8665ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 15Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 14 of 16
Figure 45. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8665ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8665ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8665ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8665ARJZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1B
AD8665ARJZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1B
AD8665ARJZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1B
AD8666ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8666ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8666ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8666ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A16
AD8666ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A16
AD8666WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8666WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8668ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8668ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8668ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8668ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8668ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8668WARUZ-R7
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8668WARUZ-RL
−40°C to +125°C
14-Lead TSSOP
RU-14
1
Z = RoHS Compliant Model
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8666W/AD8668W models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com