Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS72014 Datasheet(PDF) 47 Page - Amphenol CIT.

Part # SS72014
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

SS72014 Datasheet(HTML) 47 Page - Amphenol CIT.

Back Button SS72014 Datasheet HTML 43Page - Amphenol CIT. SS72014 Datasheet HTML 44Page - Amphenol CIT. SS72014 Datasheet HTML 45Page - Amphenol CIT. SS72014 Datasheet HTML 46Page - Amphenol CIT. SS72014 Datasheet HTML 47Page - Amphenol CIT. SS72014 Datasheet HTML 48Page - Amphenol CIT. SS72014 Datasheet HTML 49Page - Amphenol CIT. SS72014 Datasheet HTML 50Page - Amphenol CIT. SS72014 Datasheet HTML 51Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
43
Aerospace | Military | Transportation | Industrial | Specialty
MIL-W-22759/20, /21 wire—high-strength conductor
MIL-W-22759/20 and /21
wires have extruded
PTFE insulation and a high-strength copper alloy
conductor for greater break strength. They are ideal
for aerospace and other applications requiring high
reliability and break strength, enhanced flex life, and
resistance to high temperatures.
These wires are especially well-suited in applications
where smoke emission, overload stability, and
flammability are major concerns.
For versions of these wires with thinner-wall
insulation and 600V voltage rating, see
M22759/22 and /23 (following page).
Performance:
Voltage rating:
1,000V.
Temperature rating:
/20: -55 to 200˚ C
/21: -55 to 260˚ C
Construction Details
Insulation:
Extruded PTFE.
Conductor:
/20: Silver-plated, high strength copper alloy;
/21: Nickel-plated, high strength copper alloy.
Colors:
Color coded to MIL-STD-104.
Identification:
to M22759.
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Break
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
Strength
P/N
M22759/21-20-*
20
19/32
.038 (.97)
.066 (1.68) .070 (1.78) 6.09 (9.06)
11.4 (37.4)
58.1 (26.4)
20-AXTTFN-1932
M22759/21-22-*
22
19/34
.030 (.76)
.058 (1.47) .062 (1.57) 4.30 (6.40)
18.6 (61.0)
35.8 (16.2)
22-AXTTFN-1934
M22759/21-24-*
24
19/36
.024 (.61)
.051 (1.30) .055 (1.40) 3.13 (4.66)
30.1 (98.7)
22.4 (10.2)
24-AXTTFN-1936
M22759/21-26-*
26
19/38
.019 (.48)
.046 (1.17) .050 (1.27) 2.38 (3.54)
49.4 (162)
14.2 (6.44)
26-AXTTFN-1938
M22759/21-28-*
28
7/36
.015 (.38)
.041 (1.04) .045 (1.14) 1.78 (2.65)
79.0 (259)
8.16 (3.70)
28-AXTTFN-736
Dimensions, Resistance, and Weights—M22759/21 (nickel-plated copper alloy conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
Break strength in pounds (Kg) minimum.
All values are nominal unless otherwise indicated.
*
Add color coding per MIL-STD-104 (see page 36).
Dimensions, Resistance, and Weights—M22759/20 (silver-plated copper alloy conductor)
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). Resistance in Ω/1,000 feet (Ω/Km), @20˚ C.
Break strength in pounds (Kg) minimum.
All values are nominal unless otherwise indicated.
*
Add color coding per MIL-STD-104 (see page 36).
M22759
AWG
Stranding
Conductor
Insulation Diameter
Weight
Maximum
Break
Thermax
P/N
Size
Diameter
Minimum
Maximum
Resistance
Strength
P/N
M22759/20-20-*
20
19/32
.038 (.97)
.066 (1.68) .070 (1.78) 6.09 (9.06)
10.7 (35.1)
58.1 (26.4)
20-AXTTF-1932
M22759/20-22-*
22
19/34
.030 (.76)
.058 (1.47) .062 (1.57) 4.30 (6.40)
17.5 (57.4)
35.8 (16.2)
22-AXTTF-1934
M22759/20-24-*
24
19/36
.024 (.61)
.051 (1.30) .055 (1.40) 3.13 (4.66)
28.4 (93.2)
22.4 (10.2)
24-AXTTF-1936
M22759/20-26-*
26
19/38
.019 (.48)
.046 (1.17) .050 (1.27) 2.38 (3.54)
44.8 (147)
14.2 (6.44)
26-AXTTF-1938
M22759/20-28-*
28
7/36
.015 (.38)
.041 (1.04) .045 (1.14) 1.78 (2.65)
74.4 (244)
8.16 (3.70)
28-AXTTF-736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com