Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237402 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237402
Description  SACC-CI-M12FSX-8CON-L180 TOR32X - Contact carrier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237402 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237402 Datasheet HTML 1Page - PHOENIX CONTACT 1237402 Datasheet HTML 2Page - PHOENIX CONTACT 1237402 Datasheet HTML 3Page - PHOENIX CONTACT 1237402 Datasheet HTML 4Page - PHOENIX CONTACT 1237402 Datasheet HTML 5Page - PHOENIX CONTACT 1237402 Datasheet HTML 6Page - PHOENIX CONTACT 1237402 Datasheet HTML 7Page - PHOENIX CONTACT 1237402 Datasheet HTML 8Page - PHOENIX CONTACT 1237402 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact carrier, Ethernet CAT6A, 8-position, Socket, straight, M12, coding: X, PCB mounting,
THR solder connection, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb 
< 0.1 %)
Your advantages
Reduced mounting costs thanks to two-piece device connector
•
Packaging available for automated pick and place assembly
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Commercial data
Item number
1237402
Packing unit
100 pc
Minimum order quantity
100 pc
Product key
ABQAGT
GTIN
4063151458515
Weight per piece (including packing)
7.16 g
Weight per piece (excluding packing)
4.9 g
Country of origin
DE
SACC-CI-M12FSX-8CON-L180 TOR32X - Contact
carrier
1237402
https://www.phoenixcontact.com/us/products/1237402
Aug 20, 2024, 4:56 AM
Page 1 (14)


Similar Part No. - 1237402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237400 PHOENIX-1237400 Datasheet
630Kb / 16P
SACC-CI-M12FSD-4CON-SH TOR 32X - Contact carrier
1237405 PHOENIX-1237405 Datasheet
340Kb / 9P
SACC-DSI-FSX-8CON-M16-L180 SCOX - Device connector, rear mounting
1237406 PHOENIX-1237406 Datasheet
239Kb / 7P
SACC-DSIV-FSD-4CON-L90 SCOX - Device connector rear mounting
1237409 PHOENIX-1237409 Datasheet
191Kb / 4P
SACC-M12-SCO NUT L 90X - Housing screw connection
More results

Similar Description - 1237402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551422 PHOENIX-1551422 Datasheet
909Kb / 18P
SACC-CI-M12FS-8CON-L180-THR SH - Contact insert
1406396 PHOENIX-1406396 Datasheet
701Kb / 14P
SACC-CI-M12MST-4CON-L180 THR - Contact carrier
1551477 PHOENIX-1551477 Datasheet
1Mb / 17P
SACC-CI-M12FSB-5CON-L180 - Contact carrier
1441998 PHOENIX-1441998 Datasheet
939Kb / 18P
SACC-CI-M12FS-17CON-L180 THR - Contact carrier
1406411 PHOENIX-1406411 Datasheet
781Kb / 16P
SACC-CI-M12FST-4CON-L180 THR - Contact carrier
1418339 PHOENIX-1418339 Datasheet
579Kb / 13P
SACC-CI-M12MST-4CON-L180 TOR - Contact carrier
1424193 PHOENIX-1424193 Datasheet
612Kb / 14P
SACC-CI-M12FSY-8CON-L90 - Contact carrier
1442007 PHOENIX-1442007 Datasheet
779Kb / 15P
SACC-CI-M12MS-17CON-L180 THR - Contact carrier
1442081 PHOENIX-1442081 Datasheet
843Kb / 15P
SACC-CI-M12MS-17CON-L180 THRSH - Contact carrier
1238713 PHOENIX-1238713 Datasheet
556Kb / 14P
SACC-CI-M12FSY-8CON-L180 THRX - Contact carrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com