Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8607 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8607
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8607 Datasheet(HTML) 3 Page - Analog Devices

  AD8607 Datasheet HTML 1Page - Analog Devices AD8607 Datasheet HTML 2Page - Analog Devices AD8607 Datasheet HTML 3Page - Analog Devices AD8607 Datasheet HTML 4Page - Analog Devices AD8607 Datasheet HTML 5Page - Analog Devices AD8607 Datasheet HTML 6Page - Analog Devices AD8607 Datasheet HTML 7Page - Analog Devices AD8607 Datasheet HTML 8Page - Analog Devices AD8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD704
Rev. E | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VCM = 0 V, and VS =±15 V dc, unless otherwise noted.
Table 2.
AD704J/A
Parameters
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
Initial Offset
50
150
μV
Offset
TMIN − TMAX
100
250
μV
vs. Temp, Average TC
0.2
1.5
μV/°C
vs. Supply (PSRR)
VS = ±2 V to ±18 V
100
132
dB
TMIN − TMAX
VS = ±2.5 V to ±18 V
100
126
dB
Long-Term Stability
0.3
μV/month
INPUT BIAS CURRENT1
VCM = 0 V
100
270
pA
VCM = ±13.5 V
300
pA
vs. Temp, Average TC
0.3
pA/°C
TMIN − TMAX
VCM = 0 V
300
pA
VCM = ±13.5 V
400
pA
INPUT OFFSET CURRENT
VCM = 0 V
80
250
pA
VCM = ±13.5 V
300
pA
vs. Temp, Average TC
0.6
pA/°C
TMIN − TMAX
VCM = 0 V
100
300
pA
VCM = ±13.5 V
100
400
pA
MATCHING CHARACTERISTICS
Offset Voltage
250
μV
TMIN − TMAX
400
μV
Input Bias Current2
500
pA
TMIN − TMAX
600
pA
Common-Mode Rejection3
94
dB
TMIN − TMAX
94
dB
Power Supply Rejection4
94
dB
TMIN − TMAX
94
dB
Crosstalk5
f = 10 Hz
RLOAD = 2 kΩ
150
dB
FREQUENCY RESPONSE UNITY GAIN
Crossover Frequency
0.8
MHz
Slew Rate, Unity Gain
G = −1
0.15
V/μs
Slew Rate
TMIN − TMAX
0.1
V/μs
INPUT IMPEDANCE
Differential
40||2
MΩ||pF
Common-Mode
300||2
GΩ||pF
INPUT VOLTAGE RANGE
Common-Mode Voltage
±13.5
±14
V
Common-Mode Rejection Ratio
VCM = ±13.5 V
100
132
dB
TMIN − TMAX
98
128
dB
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
3
pA p-p
f = 10 Hz
50
fA/√Hz
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.5
μV p-p
f = 10 Hz
17
nV/√Hz
f = 1 kHz
15
22
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com