Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC650CFUATR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TC650CFUATR
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC650CFUATR Datasheet(HTML) 5 Page - STMicroelectronics

  TC650CFUATR Datasheet HTML 1Page - STMicroelectronics TC650CFUATR Datasheet HTML 2Page - STMicroelectronics TC650CFUATR Datasheet HTML 3Page - STMicroelectronics TC650CFUATR Datasheet HTML 4Page - STMicroelectronics TC650CFUATR Datasheet HTML 5Page - STMicroelectronics TC650CFUATR Datasheet HTML 6Page - STMicroelectronics TC650CFUATR Datasheet HTML 7Page - STMicroelectronics TC650CFUATR Datasheet HTML 8Page - STMicroelectronics TC650CFUATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2004 Microchip Technology Inc.
DS21450C-page 5
TC650/TC651
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 2.8V to 5.5V, SHDN = VDD, TA = –40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature.
FIGURE 2-2:
PWM, ISINK vs. VOL.
FIGURE 2-3:
TOVER, ISOURCE vs.
(VDD – VOH).
FIGURE 2-4:
Temperature Accuracy vs.
VTH.
FIGURE 2-5:
PWM, ISOURCE vs.
(VDD – VOH).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
90
80
70
60
50
40
30
20
10
0
-50
0
25
-25
50 75 100 125 150
TEMPERATURE (°C)
VDD = 2.7
VDD = 5.6
0 12 3
4
5 6 7
8 910
ISINK (mA)
VDD = 2.8V
VDD = 5.5V
0.0
50
100
150
200
250
300
350
400
450
500
TA = +25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0 12 3
4
5 6 7
8 910
ISOURCE (mA)
VDD = 2.8V
VDD = 5.5V
TA = +25°C
3.0
2.5
2.0
1.5
1.0
0.5
0.0
TL
T1
T2
T3
T4
TH
TTHRESHOLD
VDD = 2.7
VDD = 5.6
0 24
6
8 10 12 14 16 18 20
ISOURCE (mA)
VDD = 2.8V
VDD = 5.5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com