Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL082MPT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TL082MPT
Description  GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082MPT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TL082MPT Datasheet HTML 9Page - STMicroelectronics TL082MPT Datasheet HTML 10Page - STMicroelectronics TL082MPT Datasheet HTML 11Page - STMicroelectronics TL082MPT Datasheet HTML 12Page - STMicroelectronics TL082MPT Datasheet HTML 13Page - STMicroelectronics TL082MPT Datasheet HTML 14Page - STMicroelectronics TL082MPT Datasheet HTML 15Page - STMicroelectronics TL082MPT Datasheet HTML 16Page - STMicroelectronics TL082MPT Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TL082 -TL082A - TL082B
Ordering information
15/17
7
Ordering information
Table 4.
Order codes
Part number
Temperature range
Package
Packing
Marking
TL082MN
-55°C, + 125°C
DIP8
Tube
TL082MN
TL082MD/MDT
SO8
Tube or tape & reel
082M
TL082MPT
TSSOP8
Tape & reel
TL082AMN
DIP8
Tube
TL082AMN
TL082AMD/AMDT
SO8
Tube or tape & reel
082AM
TL082AMPT
TSSOP8
Tape & reel
TL082BMN
DIP8
Tube
TL082BMN
TL082BMD/BMDT
SO8
Tube or tape & reel
082BM
TL082BMPT
TSSOP8
Tape & reel
TL082IN
-40°C, +105°C
DIP8
Tube
TL082IN
TL082ID/IDT
SO8
Tube or tape & reel
082I
TL082IPT
TSSOP8
Tape & reel
TL082AIN
DIP8
Tube
TL082AIN
TL082AID/AIDT
SO8
Tube or tape & reel
082AI
TL082AIPT
TSSOP8
Tape & reel
TL082BIN
DIP8
Tube
TL082BIN
TL082BID/BIDT
SO8
Tube or tape & reel
082BI
TL082BIPT
TSSOP8
Tape & reel
TL082CN
0°C, +70°C
DIP8
Tube
TL082CN
TL082CD/CDT
SO8
Tube or tape & reel
082C
TL082CPT
TSSOP8
Tape & reel
TL082ACN
DIP8
Tube
TL082ACN
TL082ACD/ACDT
SO8
Tube or tape & reel
082AC
TL082ACPT
TSSOP8
Tape & reel
TL082BCN
DIP8
Tube
TL082BCN
TL082BCD/BCDT
SO8
Tube or tape & reel
082BC
TL082BCPT
TSSOP8
Tape & reel
TL082IYDT(1)
-40°C, +105°C
SO8
(automotive grade level)
Tube or tape & reel
082IY
TL082AIYDT(1)
82AIY
TL082BIYDT(1)
82BIY
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com