Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL072MN Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL072MN
Description  Low noise J-FET dual operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072MN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL072MN Datasheet HTML 8Page - STMicroelectronics TL072MN Datasheet HTML 9Page - STMicroelectronics TL072MN Datasheet HTML 10Page - STMicroelectronics TL072MN Datasheet HTML 11Page - STMicroelectronics TL072MN Datasheet HTML 12Page - STMicroelectronics TL072MN Datasheet HTML 13Page - STMicroelectronics TL072MN Datasheet HTML 14Page - STMicroelectronics TL072MN Datasheet HTML 15Page - STMicroelectronics TL072MN Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
TL072 - TL072A - TL072B
14/16
7
Ordering information
Table 4.
Order codes
Part number
Temperature range
Package
Packing
Marking
TL072MN
-55°C, + 125°C
DIP8
Tube
TL072MN
TL072MD/MDT
SO8
Tube or tape & reel
072M
TL072AMN
DIP8
Tube
TL072AMN
TL072AMD/AMDT
SO8
Tube or tape & reel
072AM
TL072BMN
DIP8
Tube
TL072BMN
TL072BMD/BMDT
SO8
Tube or tape & reel
072BM
TL072IN
-40°C, +105°C
DIP8
Tube
TL072IN
TL072ID/IDT
SO8
Tube or tape & reel
072I
TL072AIN
DIP8
Tube
TL072AIN
TL072AID/AIDT
SO8
Tube or tape & reel
072AI
TL072BIN
DIP8
Tube
TL072BIN
TL072BID/BIDT
SO8
Tube or tape & reel
072BI
TL072CN
0°C, +70°C
DIP8
Tube
TL072CN
TL072CD/CDT
SO8
Tube or tape & reel
072C
TL072ACN
DIP8
Tube
TL072ACN
TL072ACD/ACDT
SO8
Tube or tape & reel
072AC
TL072BCN
DIP8
Tube
TL072BCN
TL072BCD/BCDT
SO8
Tube or tape & reel
072BC
TL072IYDT(1)
-40°C, +105°C
SO8
(automotive grade level)
Tube or tape & reel
072IY
TL072AIYDT(1)
72AIY
TL072BIYDT(1)
72BIY
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com