Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL061IN Datasheet(PDF) 13 Page - STMicroelectronics

Part # TL061IN
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061IN Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TL061IN Datasheet HTML 6Page - STMicroelectronics TL061IN Datasheet HTML 7Page - STMicroelectronics TL061IN Datasheet HTML 8Page - STMicroelectronics TL061IN Datasheet HTML 9Page - STMicroelectronics TL061IN Datasheet HTML 10Page - STMicroelectronics TL061IN Datasheet HTML 11Page - STMicroelectronics TL061IN Datasheet HTML 12Page - STMicroelectronics TL061IN Datasheet HTML 13Page - STMicroelectronics TL061IN Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TL061-TL061A-TL061B
Ordering information
13/14
5
Ordering information
6
Revision history
Table 5.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TL061MN
TL061AMN
TL061BMN
-55°C, +125°C
DIP8
Tube
TL061MN
TL061AMN
TL061BMN
TL061MD/MDT
TL061AMD/AMDT
TL061BMD/BMDT
SO-8
Tube or
tape & reel
061M
061AM
061BM
TL061IN
TL061AIN
TL061BIN
-40°C, +105°C
DIP8
Tube
TL061IN
TL061AIN
TL061BIN
TL061ID/IDT
TL061AID/AIDT
TL061BID/BIDT
SO-8
Tube or
tape & reel
061I
061AI
061BI
TL061CN
TL061ACN
TL061BCN
0°C, +70°C
DIP8
Tube
TL061CN
TL061ACN
TL061BCN
TL061CD/CDT
TL061ACD/ACDT
TL061BCD/BCDT
SO-8
Tube or
tape & reel
061C
061AC
061BC
Table 6.
Document revision history
Date
Revision
Changes
13-Nov-2001
1
Initial release.
27-Jul-2007
2
Added values for Rthja and Rthjc in Table 1: Absolute maximum
ratings.
Added Table 2: Operating conditions.
Updated format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com