Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST8024CTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST8024CTR
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CTR Datasheet(HTML) 1 Page - STMicroelectronics

  ST8024CTR Datasheet HTML 1Page - STMicroelectronics ST8024CTR Datasheet HTML 2Page - STMicroelectronics ST8024CTR Datasheet HTML 3Page - STMicroelectronics ST8024CTR Datasheet HTML 4Page - STMicroelectronics ST8024CTR Datasheet HTML 5Page - STMicroelectronics ST8024CTR Datasheet HTML 6Page - STMicroelectronics ST8024CTR Datasheet HTML 7Page - STMicroelectronics ST8024CTR Datasheet HTML 8Page - STMicroelectronics ST8024CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
December 2006
Rev 6
1/30
30
ST8024
Smartcard interface
General features
Designed to be compatible with the NDS
conditional access system
IC card interface
3 or 5V supply for the IC (VDD and GND)
Three specifically protected half-duplex bi-
directional buffered I/O lines to card contacts
C4, C7 and C8
DC/DC converter for VCC generation
separately powered from a 5 V ± 20% supply
(VDDP AND PGND)
3 or 5V ±5% regulated card supply voltage
(VCC) with appropriate decoupling has the
following capabilities:
–ICC < 80mA at VDDP = 4 to 6.5V
– Handles current spikes of 40nA up to
20MHz
– Controls rise and fall times
– Filtered overload detection at
approximately 120mA
Thermal and short-circuit protection on all card
contacts
Automatic activation and deactivation
sequences; initiated by software or by
hardware in the event of a short-circuit, card
take-off, overheating, VDD or VDDP drop-out
Enhanced ESD protection on card side (>6 kV)
26MHz integrated crystal oscillator
Clock generation for cards up to 20MHz
(divided by 1, 2, 4 or 8 through CLKDIV1 and
CLKDIV2 signals) with synchronous frequency
changes
Non-inverted control of RST via pin RSTIN
ISO 7816, GSM11.11 and EMV (payment
systems) compatibility
Supply supervisor for spike-killing during
power-on and power-off and power-on reset
(threshold fixed internally or externally by a
resistor bridge)
Built-in debounce on card presence contacts
One multiplexed status signal off
Description
The ST8024 is a complete low cost analog
interface for asynchronous 3V and 5V smart
cards. It can be placed between the card and the
microcontroller with few external components to
perform all supply protection and control
functions. ST8024 is a direct replacement of
ST8004.
Main applications are: smartcard readers for Set
Top Box, IC card readers for banking,
identification, Pay TV.
SO-28
TSSOP28
www.st.com
Order codes
Part number
Temperature range
Package
Packaging
ST8024CDR
-25 to 85 °C
SO-28 (Tape & Reel)
1000 parts per reel
ST8024CTR
-25 to 85 °C
TSSOP28 (Tape & Reel)
1000 parts per reel


Similar Part No. - ST8024CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8024CTR STMICROELECTRONICS-ST8024CTR Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
ST8024CTR STMICROELECTRONICS-ST8024CTR Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
More results

Similar Description - ST8024CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
Smartcard Interface ICs
Rev.1, Oct-2006
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
Smartcard interface
31-Jan-2007
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
ST8024LCDR STMICROELECTRONICS-ST8024LCDR Datasheet
715Kb / 35P
Smartcard interface
04-May-2012
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
Using the ST8024 Smartcard Interface
10-Feb-2006
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
Smartcard interface with the STM8S microcontroller
19-Aug-2008
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com