Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST232BN Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST232BN
Description  5V Powered multi-channel RS-232 drivers and receivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232BN Datasheet(HTML) 1 Page - STMicroelectronics

  ST232BN Datasheet HTML 1Page - STMicroelectronics ST232BN Datasheet HTML 2Page - STMicroelectronics ST232BN Datasheet HTML 3Page - STMicroelectronics ST232BN Datasheet HTML 4Page - STMicroelectronics ST232BN Datasheet HTML 5Page - STMicroelectronics ST232BN Datasheet HTML 6Page - STMicroelectronics ST232BN Datasheet HTML 7Page - STMicroelectronics ST232BN Datasheet HTML 8Page - STMicroelectronics ST232BN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2006
Rev. 12
1/19
19
ST232
5V Powered multi-channel RS-232 drivers and receivers
Feature summary
■ Supply voltage range: 4.5 to 5.5V
■ Supply current no load (typ): 5mA
■ Transmitter output voltage swing (typ): ±7.8V
■ Controlled output slew rate
■ Receiver input voltage range: ±30V
■ Data rate (typ): 220Kbps
■ Operating temperature range:
– -40° to 85°C
– 0° to 70°C
■ Compatible with MAX232 and MAX202
Description
The ST232 is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where ±12V is not available. The ST232 uses a
single 5V power supply and only four external
capacitors (0.1mF). Typical applications are in:
Portable Computers, Low Power Modems,
Interfaces Translation, Battery Powered RS-232
System, Multi-Drop RS-232 Networks.
.
SOP Large
DIP
TSSOP
SOP
www.st.com
Order codes
Part number
Temperature
Range
Package
Packaging
ST232CN
0 to 70 °C
DIP-16
25parts per tube / 40tube per box
ST232BN
-40 to 85 °C
DIP-16
25parts per tube / 40tube per box
ST232CD
0 to 70 °C
SO-16 (Tube)
50parts per tube / 20tube per box
ST232BD
-40 to 85 °C
SO-16 (Tube)
50parts per tube / 20tube per box
ST232CDR
0 to 70 °C
SO-16 (Tape & Reel)
2500 parts per reel
ST232BDR
-40 to 85 °C
SO-16 (Tape & Reel)
2500 parts per reel
ST232CW
0 to 70 °C
SO-16 Large (Tube)
49 parts per tube / 25 tube per box
ST232BW
-40 to 85 °C
SO-16 Large (Tube)
49 parts per tube / 25 tube per box
ST232CWR
0 to 70 °C
SO-16 Large (Tape & Reel)
1000 parts per reel
ST232BWR
-40 to 85 °C
SO-16 Large (Tape & Reel)
1000 parts per reel
ST232CTR
0 to 70 °C
TSSOP16 (Tape & Reel)
2500 parts per reel
ST232BTR
-40 to 85 °C
TSSOP16 (Tape & Reel)
2500 parts per reel


Similar Part No. - ST232BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232BN STMICROELECTRONICS-ST232BN Datasheet
93Kb / 11P
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
Feb-2001
More results

Similar Description - ST232BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232 STMICROELECTRONICS-ST232 Datasheet
93Kb / 11P
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
Feb-2001
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230A SIPEX-SP230A Datasheet
399Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
STMicroelectronics
ST202 STMICROELECTRONICS-ST202 Datasheet
527Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
09-Mar-2006
ST202B STMICROELECTRONICS-ST202B Datasheet
303Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
16-Jul-2007
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
logo
Exar Corporation
SP238A EXAR-SP238A Datasheet
528Kb / 12P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com