Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93AA66/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 93AA66/P
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA66/P Datasheet(HTML) 4 Page - Microchip Technology

  93AA66/P Datasheet HTML 1Page - Microchip Technology 93AA66/P Datasheet HTML 2Page - Microchip Technology 93AA66/P Datasheet HTML 3Page - Microchip Technology 93AA66/P Datasheet HTML 4Page - Microchip Technology 93AA66/P Datasheet HTML 5Page - Microchip Technology 93AA66/P Datasheet HTML 6Page - Microchip Technology 93AA66/P Datasheet HTML 7Page - Microchip Technology 93AA66/P Datasheet HTML 8Page - Microchip Technology 93AA66/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
93AA46/56/66
DS20067J-page 4
 2004 Microchip Technology Inc.
TABLE 1-2:
INSTRUCTION SET FOR 93AA46: ORG = 1 (X 16 ORGANIZATION)
TABLE 1-3:
INSTRUCTION SET FOR 93AA46: ORG = 0 (X 8 ORGANIZATION)
TABLE 1-4:
INSTRUCTION SET FOR 93AA56: ORG = 1 (X 16 ORGANIZATION)
TABLE 1-5:
INSTRUCTION SET FOR 93AA56: ORG = 0 (X 8 ORGANIZATION)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
A5 A4 A3 A2 A1 A0
—
D15 - D0
25
EWEN
1
00
1 1 X X X X
—
High-Z
9
ERASE
1
11
A5 A4 A3 A2 A1 A0
—
(RDY/BSY)9
ERAL
1
00
1 0 X X X X
—
(RDY/BSY)9
WRITE
1
01
A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)25
WRAL
1
00
0 1 X X X X
D15 - D0
(RDY/BSY)25
EWDS
1
00
0 0 X X X X
—
High-Z
9
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
A6 A5 A4 A3 A2 A1 A0
—
D7 - D0
18
EWEN
1
00
1 1 X X X X X
—
High-Z
10
ERASE
1
11
A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)10
ERAL
1
00
1 0 X X X X X
—
(RDY/BSY)10
WRITE
1
01
A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)18
WRAL
1
00
0 1 X X X X X
D7 - D0
(RDY/BSY)18
EWDS
1
00
0 0 X X X X X
—
High-Z
10
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X A6 A5 A4 A3 A2 A1 A0
—
D15 - D0
27
EWEN
1
00
1 1 X X X X X X
—
High-Z
11
ERASE
1
11
X A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)11
ERAL
1
00
1 0 X X X X X X
—
(RDY/BSY)11
WRITE
1
01
X A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)27
WRAL
1
00
0 1 X X X X X X
D15 - D0
(RDY/BSY)27
EWDS
1
00
0 0 X X X X X X
—
High-Z
11
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X A7 A6 A5 A4 A3 A2 A1 A0
—
D7 - D0
20
EWEN
1
00
1 1 X X X X X X X
—
High-Z
12
ERASE
1
11
X A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)12
ERAL
1
00
1 0 X X X X X X X
—
(RDY/BSY)12
WRITE
1
01
X A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)20
WRAL
1
00
0 1 X X X X X X X
D7 - D0
(RDY/BSY)20
EWDS
1
00
0 0 X X X X X X X
—
High-Z
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com