Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS2DAL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS2DAL
Description  2A, 200V - 1000V High Efficient Surface Mount Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2DAL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS2DAL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2DAL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS2DAL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS2DAL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HS2DAL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HS2DAL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HS2DAL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS2DAL
– HS2MAL
Taiwan Semiconductor
2
Version: C2103
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
17
°C/W
Junction-to-ambient thermal resistance
RӨJA
53
°C/W
Junction-to-case thermal resistance
RӨJC
21
°C/W
Thermal Performance Note: Units mounted on PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage
(1)
HS2DAL
IF = 1A, TJ = 25°C
VF
0.81
-
V
IF = 2A, TJ = 25°C
0.87
1.00
V
IF = 1A, TJ = 125°C
0.67
-
V
IF = 2A, TJ = 125°C
0.74
0.82
V
HS2GAL
IF = 1A, TJ = 25°C
0.90
-
V
IF = 2A, TJ = 25°C
0.99
1.30
V
IF = 1A, TJ = 125°C
0.76
-
V
IF = 2A, TJ = 125°C
0.86
0.96
V
HS2JAL
IF = 1A, TJ = 25°C
1.00
-
V
IF = 2A, TJ = 25°C
1.10
1.70
V
IF = 1A, TJ = 125°C
0.80
-
V
IF = 2A, TJ = 125°C
0.92
1.10
V
HS2KAL
HS2MAL
IF = 1A, TJ = 25°C
1.30
-
V
IF = 2A, TJ = 25°C
1.48
1.70
V
IF = 1A, TJ = 125°C
0.94
-
V
IF = 2A, TJ = 125°C
1.11
1.23
V
Reverse current @ rated VR
(2)
TJ = 25°C
IR
-
1
µA
TJ = 125°C
-
80
µA
Reverse recovery time
HS2DAL
HS2GAL
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
trr
-
50
ns
HS2JAL
HS2KAL
HS2MAL
-
75
ns
Junction capacitance
HS2DAL
1MHz, VR = 4.0V
CJ
32
-
pF
HS2GAL
25
-
pF
HS2JAL
17
-
pF
HS2KAL
HS2MAL
12
-
pF
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com