Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV-RPG2-MBZ Datasheet(PDF) 16 Page - Analog Devices

Part # EV-RPG2-MBZ
Description  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-MBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button EV-RPG2-MBZ Datasheet HTML 12Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 13Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 14Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 15Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 16Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 17Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 18Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 19Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. D | 16 of 21
There is also an error recovery mechanism in the SPI. In the event
the SPI leader detects something wrong with the SPI link, it may
flush the link to reset low level SPI communication. A flush is
initiated by issuing a SPI transaction the length of 0 byte or 1 byte.
If a transaction with a length of 1 is issued, the byte value placed on
MOSI is ignored by the SPI follower. Similarly, the value on MISO
can be ignored. If a flush is initiated between any two read or write
operations, nothing notable happens. If a flush is initiated during a
read operation, the following notable actions are taken.
If the RREQ signal is high and no read request acknowledge
transaction has been sent, the following occurs:
RREQ goes low.
A flush at this point concludes the read operation, and the SPI
leader must not attempt to retrieve the data status header or
message data.
The data status header and message data that the SPI follower
prepared for transmission is discarded.
The SPI follower does not attempt to retransmit flushed messag-
es.
SPI transactions can operate normally from this point.
If the RREQ signal is high and a read request acknowledge trans-
action has been sent, the following occurs:
RREQ goes low.
A flush at this point concludes the read operation, and the SPI
leader must not attempt to retrieve the data status header or
message data.
The data status header and message data that the SPI follower
prepared for transmission is discarded.
The SPI follower does not attempt to retransmit flushed messag-
es.
SPI transactions can operate normally from this point.
If RREQ is inactive, the following occurs:
The data status header and message data that the SPI follower
prepared for transmission is discarded.
The SPI follower does not attempt to retransmit flushed messag-
es.
SPI transactions can operate normally from this point.
Figure 12. SPI Applications Processor Interface
Table 14. SPI Applications Processor Interface Balls
Mnemonic
Direction
Description
SPI0_SEL3_SS
Input
SPI0 Follower Select Input.
SPI0_CLK
Input
SPI0 Clock Input.
SPI0_MOSI
Input
SPI0 Leader Out, Follower In.
SPI0_MISO
Output
SPI0 Leader In, Follower Out.
RREQ
Output
RREQ is a signal that notifies
the application side that a
message is ready to be read.
BUSY
Output
Busy Signal. This signal
indicates to the application side
that the communication side is
busy.
Ethernet Applications Processor Interface
Selection
Figure 13 shows the Ethernet applications processor interface
direct connection through the RMII.
Figure 13. Direct Connection Through RMII
Figure 14 shows the Ethernet applications processor interface
indirect connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com