Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237992 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237992
Description  SF-06KP0,06-0,25 - Crimp contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237992 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237992 Datasheet HTML 1Page - PHOENIX CONTACT 1237992 Datasheet HTML 2Page - PHOENIX CONTACT 1237992 Datasheet HTML 3Page - PHOENIX CONTACT 1237992 Datasheet HTML 4Page - PHOENIX CONTACT 1237992 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Crimp contact
Contact material type
turned
Connection data
Connection method
Crimp connection
Contact connection type
Pin
Conductor cross section
0.06 mm² ... 0.25 mm²
Material specifications
Contact surface
Nickel-plated (Ni), with gold coating (Au)
Contact material
CuZn
Dimensions
Mechanical characteristics
Contact diameter
0.6 mm
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
100
Packaging specifications
Type of packaging
PE bag
SF-06KP0,06-0,25 - Crimp contact
1237992
https://www.phoenixcontact.com/us/products/1237992
Jul 3, 2024, 4:52 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com