Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952IDT Datasheet(PDF) 35 Page - STMicroelectronics

Part # TSB952IDT
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952IDT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TSB952IDT Datasheet HTML 28Page - STMicroelectronics TSB952IDT Datasheet HTML 29Page - STMicroelectronics TSB952IDT Datasheet HTML 30Page - STMicroelectronics TSB952IDT Datasheet HTML 31Page - STMicroelectronics TSB952IDT Datasheet HTML 32Page - STMicroelectronics TSB952IDT Datasheet HTML 33Page - STMicroelectronics TSB952IDT Datasheet HTML 34Page - STMicroelectronics TSB952IDT Datasheet HTML 35Page - STMicroelectronics TSB952IDT Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Figure 50.
Settling time measurement configuration ................................................. 23
Figure 51.
Low-side current sensing schematic .................................................... 24
Figure 52.
SO8 package outline ............................................................... 26
Figure 53.
SO8 recommended footprint.......................................................... 27
Figure 54.
DFN8 3x3 exposed pad, wettable flank package outline and mechanical data........................ 28
Figure 55.
DFN8 3x3 exposed pad, wettable flank footprint data......................................... 29
TSB952
List of figures
DS14576 - Rev 1
page 35/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com