| Electronic Components Datasheet Search |
|
PXM/6010/02/S/ST/0507/SM Datasheet(PDF) 6 Page - Elektron Components Ltd. |
|
|
|||||||||||||||||||||||||||||
PXM/6010/02/S/ST/0507/SM Datasheet(HTML) 6 Page - Elektron Components Ltd. |
|
6 / 7 page ![]() bulgin a brand of Elektron Technology Metal Version SPECIFICATION Material: Body: Brass, Nickel plated Colour: Matt Silver Contacts: Brass, Nickel plated (2A – Gold plated) O Rings & Gaskets: Silicon RoHS Compliant Electrical: No. Poles: 23 8 16 22 Rated cable 18 18 18 22 26 AWG AWG AWG AWG AWG Current Rating: See de-rating curves for further information CCC, UL and VDE (pending) 16A 16A 10A 3A 2A cUL (pending) 13A 12A 8A 3A 2A Voltage Rating (ac/dc): 277V 277V 277V 60V 60V Contact Resistance: <10m Ω Insulation Resistance: >106M Ω@500Vdc AC Breakdown voltage: 2 pole >10kV 3 pole >8kV 8 to 22 pole >5kV Operating Temp. Range: –40°C to +120°C Approvals (pending): UL UL1977 CSA C22.2 No.182.3-M1987 (R2009) VDE IEC 61984:2009 CCC GB/T11918 and GB/T11919 Mated dimensions - Flex to panel connector Mated dimensions - Flex connector to in-line connector Mechanical: Locking mechanism Push/pull with 30˚ locking Patent applied for Sealing: IP66 to EN60529:1992 IP68 to EN60529:1992 (10m depth for 2 weeks) IP69k to DIN 40050-9 Contact Accommodation: 2 & 3 pole crimp 14 to 18AWG 2 & 3 pole screw terminals 1.5mm² max 8 pole crimp 18 to 20AWG 16 pole crimp 22 to 26AWG 22 pole crimp 22 to 26AWG Cable Acceptance: 4-10mm dia. Cable retention force (to BS EN61984): 4 - 9mm dia cable 80N 9 - 10mm dia cable 100N Terminations: 2 Pole: Screw Terminals & Crimp Contacts 3 Pole: Screw Terminals & Crimp Contacts 8 Pole: Crimp Contacts 16 Pole: Crimp Contacts 22 Pole: Crimp Contacts Tightening Torques: Gland Nut: 1.13Nm (10lb.in) Panel Nut: 1.7Nm (15lbf.in.) Panel Nut Thread: M22 x 1.5-6g Dimensions: Diameter: (over coupling ring) 32mm Diameter: (panel hole cut-out) 22.5mm Page 6 of 7 6000 Series Buccaneer® bulgin.com Panel |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |