Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXM/6010/02/P/ST/0507/SM Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PXM/6010/02/P/ST/0507/SM
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM/6010/02/P/ST/0507/SM Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PXM/6010/02/P/ST/0507/SM Datasheet HTML 1Page - Elektron Components Ltd. PXM/6010/02/P/ST/0507/SM Datasheet HTML 2Page - Elektron Components Ltd. PXM/6010/02/P/ST/0507/SM Datasheet HTML 3Page - Elektron Components Ltd. PXM/6010/02/P/ST/0507/SM Datasheet HTML 4Page - Elektron Components Ltd. PXM/6010/02/P/ST/0507/SM Datasheet HTML 5Page - Elektron Components Ltd. PXM/6010/02/P/ST/0507/SM Datasheet HTML 6Page - Elektron Components Ltd. PXM/6010/02/P/ST/0507/SM Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
bulgin
a brand of Elektron Technology
PNo 14232
PNo 14946
PNo 14917
Metal Version
√ Crimp Tools for 2, 3, 8, 16 and
22 pole crimp contacts
Crimp Tooling
Crimp Tool (2 & 3 pole)
PNo. 14232
Positioner (2 & 3 pole)
PNo. 14232/2/SP
Crimp Tool (8, 16 & 22 pole)
PNo. 14025
Positioner (8 pole)
PNo. 15021/SP
Positioner (16 & 22 pole)
PNo. 15019/SP
√ Crimp Contacts
√ Gold Plated
√ Current ratings:
2 & 3 pole : 16A
8 pole
: 10A
16 pole
: 3A
22 pole
: 2A
Contacts - Crimp for 2, 3, 8, 16 and 22 pole
Contacts (for 2 & 3 pole)
(Supplied in packs of 10)
Crimp
Pins
SA3545/P
Sockets
SA3545/S
CRIMP CONTACTS
CRIMP TOOLING
√ Insertion/Extraction Tool for 2, 3,
8, 16 and 22 pole contacts
Insertion/Extraction Tools
Insertion/Extraction Tool (2 & 3 pole)
PNo. 14946/SP
Insertion/Extraction Tool (8 pole)
PNo. 14945/SP
Insertion/Extraction Tool (16 & 22 pole) PNo. 14944/SP
INSERTION/EXTRACTION TOOLS
√ For removal of all contact
carriers
Tools
Contact carrier removal tool
PNo. 14917/SP
(all poles)
CONTACT CARRIER REMOVAL TOOL
Contacts (for 8 pole)
(Supplied in packs of 10)
Crimp
Pins
SA3544/P
Sockets
SA3544/S
Contacts (for 16 & 22 pole)
(Supplied in packs of 10)
Crimp
Pins
SA3542/P
Sockets
SA3542/S
Page 3 of 7
6000 Series Buccaneer®
bulgin.com
2, 3, 8, 16 & 22 pole contacts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com