Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2629IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2629IGN
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2629IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2629IGN Datasheet HTML 11Page - Linear Technology LTC2629IGN Datasheet HTML 12Page - Linear Technology LTC2629IGN Datasheet HTML 13Page - Linear Technology LTC2629IGN Datasheet HTML 14Page - Linear Technology LTC2629IGN Datasheet HTML 15Page - Linear Technology LTC2629IGN Datasheet HTML 16Page - Linear Technology LTC2629IGN Datasheet HTML 17Page - Linear Technology LTC2629IGN Datasheet HTML 18Page - Linear Technology LTC2629IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC2609/LTC2619/LTC2629
26091929f
OPERATIO
C3
1ST DATA BYTE
Input Word (LTC2609)
Write Word Protocol for LTC2609/LTC2619/LTC1629
C2
C1
C0
A3
D13
D14
D15
S
WA
SLAVE ADDRESS
1ST DATA BYTE
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
A
2ND DATA BYTE
A
3RD DATA BYTE
A
P
2609 F03
2ND DATA BYTE
INPUT WORD
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2619)
C2
C1
C0
A3
D11
D12
D13
D10 D9
D8
D7
D6
D5 D4
D3
D2
D1
D0
X
X
2ND DATA BYTE
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2629)
C2
C1
C0
A3
A2
A2
A2
A1
A1
A1
A0
A0
A0
D9
D10
D11
D8
D7
D6
D5
D4
D3 D2
D1
D0
X
X
X
X
2ND DATA BYTE
3RD DATA BYTE
loads a 16-bit data word from the 32-bit shift register into
the input register of the selected DAC, n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 16-, 14- or 12-bit input
code, and is converted to an analog voltage at the DAC
output. The update operation also powers up the selected
DAC if it had been in power-down mode. The data path and
registers are shown in the Block Diagram.
Figure 3
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than four outputs are needed. When in power-down, the
buffer amplifiers, bias circuits and reference inputs are
disabled, and draw essentially zero current. The DAC
outputs are put into a high impedance state, and the
output pins are passively pulled to REFLO through
individual 90k resistors. Input- and DAC-register contents
are not disturbed during power down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in
combination with the appropriate DAC address, (n). The
16-bit data word is ignored. The supply current is reduced
by approximately 1/4 for each DAC powered down.
The effective resistance at REFx (Pins 3, 6, 12 and 15)
are at high impedance (typically > 1G
Ω) when the corre-
sponding DACs are powered down. Normal operation can
be resumed by executing any command which includes a
DAC update, as shown in Table 2.
The selected DAC is powered up as its voltage output is
updated. When a DAC which is in a powered-down state
is powered up and updated, normal settling is delayed. If
less than four DACs are in a powered-down state prior to
the update command, the power-up delay time is 5
µs.
If on the other hand, all four DACs are powered down,
Table 2
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register n
0001
Update (Power Up) DAC Register n
0010
Write to Input Register n, Update (Power Up) All n
0011
Write to and Update (Power Up) n
0100
Power Down n
1111
No Operation
ADDRESS (n)*
A3
A2
A1
A0
0000
DAC A
0001
DAC B
0010
DAC C
0011
DAC D
1111
All DACs
*Command and address codes not shown are reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com