Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1118CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1118CS8
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1118CS8 Datasheet HTML 1Page - Linear Technology LT1118CS8 Datasheet HTML 2Page - Linear Technology LT1118CS8 Datasheet HTML 3Page - Linear Technology LT1118CS8 Datasheet HTML 4Page - Linear Technology LT1118CS8 Datasheet HTML 5Page - Linear Technology LT1118CS8 Datasheet HTML 6Page - Linear Technology LT1118CS8 Datasheet HTML 7Page - Linear Technology LT1118CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
1118fc
1118
S8 PART
MARKING
111825
111828
11185
TJMAX = 125°C, θJC = 15°C/W
TJMAX = 125°C, θJC = 15°C/W
TJMAX = 125°C, θJC = 15°C/W
ORDER
PART NUMBER
LT1118CS8-2.5
LT1118CS8-2.85
LT1118CS8-5
LT1118CST-2.5
LT1118CST-2.85
LT1118CST-5
LT1118CS8
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
GND
IN
OUT
IN
GND
NC
EN
FB
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
EN
GND
GND
NC
IN
OUT
GND
IN
3
2
1
FRONT VIEW
TAB IS
GND
IN
GND
OUT
ST PACKAGE
3-LEAD PLASTIC SOT-223
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Supply Voltage (VCC) ............................................... 15V
Input Voltage (Enable) ................................ – 0.2V to 7V
Output Voltage ................................ – 0.2V to VCC + 0.5V
Short-Circuit Duration ..................................... Indefinite
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE DESCRIPTIO
S8 PART
MARKING
ORDER
PART NUMBER
ORDER
PART NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current (VIN)VEN = 5V
0.6
1
mA
Quiescent Current in Shutdown (VIN)VEN = 0V
110
µA
Enable Input Thresholds
Input Low Level
0.4
1.4
V
Input High Level
1.4
2
V
Enable Input Current
0V
≤ VEN ≤ 5V
–1
25
µA
Feedback Voltage
LT1118
No Load (25
°C)
1.213
1.225
1.237
V
All Operating Conditions (Note 3)
1.200
1.225
1.250
V
Output Voltage
LT1118-2.5
No Load (25
°C)
2.47
2.5
2.53
V
All Operating Conditions (Note 3)
2.45
2.5
2.55
V
LT1118-2.85
No Load (25
°C)
2.82
2.85
2.88
V
All Operating Conditions (Note 3)
2.79
2.85
2.91
V
LT1118-5
No Load (25
°C)
4.95
5
5.05
V
All Operating Conditions (Note 3)
4.90
5
5.1
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 2)
ST PART
MARKING
111825
111828
11185



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com