Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR910FAM32X6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR910FAM32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR910FAM32X6 Datasheet HTML 28Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 29Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 30Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 31Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 32Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 33Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 34Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 35Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
Functional overview
STR91xFA
32/78
By defining the bus parameters such as burst length, burst type, read and write timings in
the EMI control registers, the EMI bus is able to interface to standard burst memory
devices. The burst timing specification and waveform will be provided in the next data
sheet release
Figure 4.
EMI 16-bit multiplexed connection example
Figure 5.
EMI 8-bit multiplexed connection example
EMI_AD0
STR91xx
16-BIT
DEVICE
EMI_AD1
EMI_AD2
EMI_AD3
EMI_AD4
EMI_AD5
EMI_AD6
EMI_AD7
EMI_AD8
EMI_AD9
EMI_AD10
EMI_AD11
EMI_AD12
EMI_AD13
EMI_AD14
EMI_AD15
EMI_ALE
EMI_RDn
EMI_BWR_WRLn
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
CHIP_SELECT
WRITE_LOW_BYTE
READ
ADDR_LATCH
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
P9.7
P9.6
P9.5
P9.4
P9.3
P9.2
P9.1
P9.0
EMI_A16
EMI_A17
EMI_A18
EMI_A19
EMI_A20
EMI_A21
EMI_A22
EMI_A23
A16
A17
A18
A19
A20
A21
A22
A23
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
EMI_WRHn
WRITE_HIGH_BYTE
EMI_CS0n
EMI_CS1n
EMI_CS2n
EMI_CS3n
EMI_AD0
ST R91xx
8-BIT
DEVICE
EMI_AD1
EMI_AD2
EMI_AD3
EMI_AD4
EMI_AD5
EMI_AD6
EMI_AD7
EMI_ALE
EMI_RDn
EMI_BWR_WRLn
AD 0
AD 1
AD 2
AD 3
AD 4
AD 5
AD 6
AD 7
CHIP_SELECT
WRIT E
READ
ADDR_LAT CH
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
EMI_CS0n
EMI_CS1n
EMI_CS2n
EMI_CS3n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com