Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPEPS-DA Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # IPEPS-DA
Description  ADDERLINK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

IPEPS-DA Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  IPEPS-DA Datasheet HTML 1Page - Infinite Electronics International, Inc. IPEPS-DA Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Local, Remote and Global Computer Control
FEATURES
Independent operation
Gives full control even during boot up, BIOS level or
computer crash states. The AdderLink ipeps will work
even if the controlled devices are not operational.
High video performance
The AdderLink ipeps can use a standard web browser
but for superior graphical performance, Real VNC is
used. Free of the limitations of HTTPS, Real VNC
greatly enhances video performance.
Highly secure
Employing enterprise grade security (using AES 128
bit encryption and RSA 2048 bit public key
authentication) as standard, the AdderLink ipeps is
further enhanced by the use of Real VNC that allows
for the creation of ciphered user communications.
User management
Knowing who does what and when is crucial for any
remote access service. The AdderLink ipeps can create
up to 16 user profiles with defined access rights.
Global user control and access management
Where many AdderLink ipeps devices are used it is
important that user access to devices is both secure
and quick. Optional ADDER.NET Enterprise
Management Software allows for an unlimited number
of devices to be seen and accessed at the click of a
button. Unlimited user profiles are also supported with
optional LDAP integration.
Virtual media support
To transfer files from remote users to controlled
computers, the AdderLink ipeps has been engineered
to act as a conduit through which data can be passed.
Files can be transferred via IP on to the AdderLink
ipeps and on to the target computer by means of a
USB virtual media port.
For Enterprise KVM solutions the AdderLink ipeps provides a
non-blocking global solution by providing each computer with a
dedicated KVM-via-IP engine. This can be enhanced by using the
ADDER.NET Enterprise Management Software that provides a
centralised and secure user access management interface.
Where a KVM switch exists without KVM-via-IP functionality, the
AdderLink ipeps is ideal for adding global management capabilities.
Increasing numbers of computers are being used in remote,
stand alone applications such as ATMs and digital signage play
out devices. The incredibly small size of the AdderLink ipeps
makes it perfect for remote management and control of
dispersed computers, meaning that many tasks that would have
required an expensive site visit can now be done from anywhere.
A powerful and flexible KVM-via-IP product contained with in a palm sized unit, the AdderLink ipeps enables computer
access from anywhere in the world, securely and remotely via the Internet or corporate network. The AdderLink ipeps uses
Real VNC client software that is specifically designed for secure, high performance KVM-via-IP applications.
Despite its small size, there is no compromise in the performance of the AdderLink ipeps. By using Adventiq Inside® on-chip
KVM-via-IP technology, an extremely high performance solution can be contained in a compact unit.
The AdderLink ipeps product is part of the Adder’s ‘ipeps’ (IP Engine per Server) concept
that delivers a complete, secure, non-blocking approach to computer management.
ADDERLINK


Similar Part No. - IPEPS-DA

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
IPEPS L-COM-IPEPS Datasheet
271Kb / 2P
ADDERLINK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com