Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP708REP Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP708REP
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP708REP Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP708REP Datasheet HTML 10Page - Sipex Corporation SP708REP Datasheet HTML 11Page - Sipex Corporation SP708REP Datasheet HTML 12Page - Sipex Corporation SP708REP Datasheet HTML 13Page - Sipex Corporation SP708REP Datasheet HTML 14Page - Sipex Corporation SP708REP Datasheet HTML 15Page - Sipex Corporation SP708REP Datasheet HTML 16Page - Sipex Corporation SP708REP Datasheet HTML 17Page - Sipex Corporation SP708REP Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Date: 6-28-04
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2004 Sipex Corporation
Reset Overdrive (mV)
Maximum Transient Duration
100
80
60
40
20
0
10
100
1000
10000
Figure 20. Maximum Transient Duration Without
Causing a Reset Pulse vs. Reset Comparator Overdrive
Figure 21. Supply Current vs. Temperature
Figure 22. Supply Current vs. Supply Voltage
1nF Capacitor
V
OUT TO GND
Above Line
RESET
Generated
NO
RESET
Generated
14
16
18
20
22
24
26
28
30
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
19.4
19.5
19.6
19.7
19.8
19.9
20.0
20.1
20.2
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
Vcc=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com