Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS10L60CFP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STPS10L60CFP
Description  Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS10L60CFP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STPS10L60CFP Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS10L60CFP Datasheet HTML 2Page - Inchange Semiconductor Company Limited STPS10L60CFP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Rectifier
STPS10L60CFP
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 5A ; TC= 25℃
0.55
V
IF= 5A ; TC= 125℃
0.52
IF= 10A ; TC= 25℃
0.67
IF= 10A ; TC= 125℃
0.64
IR
Maximum Instantaneous Reverse Current
Rated DC Voltage, TC= 25℃
220
uA
Rated DC Voltage, TC= 125℃
60
mA
Pulse test : tp = 380 µs, δ < 2%
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com