Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM80FSMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SUM80FSMS
Description  500 mA 6,000 thru 9,000 VOLTS 180 ns FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SUM80FSMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SUM80FSMS Datasheet HTML 1Page - Solid States Devices, Inc SUM80FSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/ 6/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Maximum Forward Voltage
(300µs pulse minimum)
IF = 500 mA
VF
13.5
Vdc
Maximum Reverse Leakage Current
(VR = Rated)
(TA = +25°C)
(TA =+100°C)
IR1
IR2
1.0
15
µA
µA
Maximum Junction Capacitance
VR = 100 Vdc, f = 1MHz
CJ
8
pF
Maximum Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
trr
180
ns
Typical Thermal Impedance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
18
18
°C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
5/ Maximum lead/end temperature for soldering is 250°C, 3/8” from case for 5 sec. maximum.
6/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable dielectric material.
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
.065
.165
A
.170
.180
B
---
.350
B
.330
.380
C
.047
.053
C
.020
.030
D
1.00
---
D
.002
---
AXIAL
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SUM60F thru SUM90F
and
SUM60FSMS thru SUM90FSMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0037C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com