Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6103C545 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6103C545
Description  CMOS Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6103C545 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6103C545 Datasheet HTML 1Page - Torex Semiconductor XC6103C545 Datasheet HTML 2Page - Torex Semiconductor XC6103C545 Datasheet HTML 3Page - Torex Semiconductor XC6103C545 Datasheet HTML 4Page - Torex Semiconductor XC6103C545 Datasheet HTML 5Page - Torex Semiconductor XC6103C545 Datasheet HTML 6Page - Torex Semiconductor XC6103C545 Datasheet HTML 7Page - Torex Semiconductor XC6103C545 Datasheet HTML 8Page - Torex Semiconductor XC6103C545 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
XC6101_07_XC6111_17 ETR0207_009
Preliminary
◆
CMOS Voltage Detector
◆
Manual Reset Input
◆
Watchdog Functions
◆
Built-in Delay Circuit
◆
Detect Voltage Range: 1.6~5.0V, ± 2%
◆
Reset Function is Selectable
VDFL (Low When Detected)
VDFH (High When Detected)
■
GENERAL DESCRIPTION
The XC6101~XC6107, XC6111~XC6117 series are
groups of high-precision, low current consumption voltage
detectors with manual reset input function and watchdog
functions incorporating CMOS process technology. The
series consist of a reference voltage source, delay circuit,
comparator, and output driver.
With the built-in delay circuit, the XC6101 ~ XC6107,
XC6111 ~ XC6117 series’ ICs do not require any external
components to output signals with release delay time.
Moreover, with the manual reset function, reset can be
asserted at any time.
The ICs produce two types of
output; VDFL (low when detected) and VDFH (high when
detected).
With the XC6101 ~ XC6105, XC6111 ~ XC6115 series’
ICs, the WD pin can be left open if the watchdog function
is not used.
Whenever the watchdog pin is opened, the internal
counter clears before the watchdog timeout occurs.
Since the manual reset pin is internally pulled up to the VIN
pin voltage level, the ICs can be used with the manual
reset pin left unconnected if the pin is unused.
The detect voltages are internally fixed 1.6V ~ 5.0V in
increments of 100mV, using laser trimming technology.
Six watchdog timeout period settings are available in a
range from 6.25msec to 1.6sec.
Seven release delay time 1 are available in a range from
3.13msec to 1.6sec.
■
APPLICATIONS
●
Microprocessor reset circuits
●
Memory battery backup circuits
●
System power-on reset circuits
●
Power failure detection
■
TYPICAL APPLICATION CIRCUIT
* Not necessary with CMOS output products.
■
FEATURES
Detect Voltage Range
: 1.6V ~ 5.0V, +2%
(100mV increments)
Hysteresis Range
: VDF x 5%, TYP.
(XC6101~XC6107)
VDF x 0.1%, TYP.
(XC6111~XC6117)
Operating Voltage Range
: 1.0V ~ 6.0V
Detect Voltage Temperature
Characteristics
: +100ppm/OC (TYP.)
Output Configuration
: N-channel open drain,
CMOS
Watchdog Pin
: Watchdog input
If watchdog input maintains
‘H’ or ‘L’ within the watchdog
timeout period, a reset signal
is output to the RESET
output pin
Manual Reset Pin
: When driven ‘H’ to ‘L’ level
signal, the MRB pin voltage
asserts forced reset on the
output pin.
Release Delay Time
: 1.6sec, 400msec, 200msec,
100msec, 50msec, 25msec,
3.13msec (TYP.) can be
selectable.
Watchdog Timeout Period : 1.6sec, 400msec, 200msec,
100msec, 50msec,
6.25msec (TYP.) can be
selectable.
■
TYPICAL PERFORMANCE
CHARACTERISTICS
●
Supply Current vs. Input Voltage
* ‘x’ represents both ‘0’ and ‘1’. (ex. XC61x1⇒XC6101 and XC6111)
0
5
10
15
20
25
30
012
3456
Input Voltage: VIN (V)
XC61X1~XC61X5 (2.7V)
Ta=85℃
Ta=-40℃
Ta=25℃


Similar Part No. - XC6103C545

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016MR TOREX-XC610101A016MR Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6103C545

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
CMOS MULTILEVEL VOLTAGE DETECTOR
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
CMOS VOLTAGE DETECTOR
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
CMOS Dual voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
CMOS Voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
CMOS Dual voltage detector
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
CMOS Voltage detector
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
CMOS Voltage detector
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com