Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST78C36 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 3Page - Exar Corporation ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation ST78C36 Datasheet HTML 10Page - Exar Corporation ST78C36 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
xr
ST78C36/36A
REV. 5.0.2
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
7
DCR Bit-1:
The complement of this bit drives -AUTOFD, and the complement of the pad state is returned for read.
DCR Bit-2:
This bit drives INIT, and the pad state is returned for read.
DCR Bit-3:
The complement of this bit drives -SLCTIN, and the complement of the pad state is returned for read.
DCR Bit-4:
Ack Interrupt Enable set to a high will generate an interrupt when -ACK is low. When either returns to a high
state, this interrupt source will go in-active. This interrupt is not pulsed.
DCR Bit-5:
Peripheral port direction, OUT = 0 and IN = 1.
This bit is forced to logic zero by ECR modes 000 or 010. It can be written only in ECR mode 001, and will
maintain that state if the ECR mode is changed to 011, 100, or 110. This bit must be set low for EPP mode,
which allows the host to control direction with -IOR and -IOW. The final port direction also drives PDIR.
DCR Bits 6-7:
Reserved, logic zero.
3.5
EPP ADDRESS PORT ( EPP-APort )
When EPP mode is enabled, a host read or write with this port will result in a data transfer directly to/from the
peripheral with -SLCTIN active. Direction is set by host read/write and will drive -STROBE low during a write if
DCR bit 5 (DIR) is not set high.
3.6
EPP DATA PORT (EPP-DPort )
When EPP mode is enabled, a host read or write with this port will result in a data transfer directly to/from the
peripheral with -AUTOFD active. Direction is set by host read/write and will drive -STROBE low during a write
if DCR bit 5 (DIR) is not set high.
3.7
PARALLEL PORT DATA ( C-FIFO )
This port is available for programmed I/O and DMA access. Data written to this port is stored in the FIFO if
FIFO-F = 0 and will be lost if FIFO-F = 1.
Data written to this port will be automatically transferred to the peripheral with -STROBE handshaking with
BUSY. This port is only defined for write, host reads will interfere with FIFO read sequencing.
3.8
ECP DATA FIFO ( ECP-DFIFO )
This port is available for programmed I/O and DMA access. Data written to this port is stored in the FIFO if
FIFO-F = 0 and will be lost if FIFO-F = 1. A 9th FIFO bit (tag) is set high on write.
Data read from this port will undergo de-compression if the FIFO tag bit and data bit-7 are both low. The byte
containing the RLE count is loaded into the RLE counter and the succeeding byte in the FIFO will be returned
to the host RLE count + 1 times before the FIFO read address is incremented. If a FIFO under-run is incurred
during host read, the last data byte is returned and FIFO-E remains coherent.
3.9
TEST FIFO ( T-FIFO )
This port is available for programmed I/O and DMA access. Data written to this port is stored in the FIFO if
FIFO-F = 0 and will be lost if FIFO-F = 1. During a read cycle from this port a FIFO under-run will return last
data read and FIFO-E remains coherent.
3.10
CONFIGURATION REGISTER A ( Cnfg-A )
This read-only register is available in ECR mode 111 only.
Cnfg-A Bits 1-0:
Forced to logic zero, this field is don’t care for PWord = 1 byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com