Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8555VTALF Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8555VTALF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8555VTALF Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8555VTALF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8555VTALF Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
13
Power Characteristics
2. Junction temperature is a function of die size, on-chip power dissipation, package thermal
resistance, mounting site (board) temperature, ambient temperature, air flow, power
dissipation of other components on the board, and board thermal resistance. Any customer
design must take these considerations into account to ensure the maximum 105 degrees
junction temperature is not exceeded on this device.
3. Typical power is based on a nominal voltage of VDD = 1.2V, a nominal process, a junction
temperature of Tj = 105° C, and a Dhrystone 2.1 benchmark application.
4. Thermal solutions will likely need to design to a value higher than Typical Power based on
the end application, TA target, and I/O power
5. Maximum power is based on a nominal voltage of VDD = 1.2V, worst case process, a junction
temperature of Tj = 105° C, and an artificial smoke test.
6. The nominal recommended VDD = 1.3V for this speed grade.
Table 5. Typical I/O Power Dissipation
Interface
Parameters
GVDD
(2.5V)
OVDD
(3.3V)
LVDD
(3.3V)
LVDD
(2.5V)
Unit
Comments
DDR I/O
CCB = 200 MHz
0.46
W
CCB = 266 Mhz
0.59
W
CCB = 300 Mhz
0.66
W
CCB = 333 Mhz
0.73
W
PCI I/O
64b, 66Mhz
0.14
W
64b, 33Mhz
0.08
W
32b, 66Mhz
0.07
W
Multiply by 2 if using two 32b ports
32b, 33Mhz
0.04
W
Local Bus I/O
32b, 167Mhz
0.30
W
32b, 133Mhz
0.24
W
32b, 83Mhz
0.16
W
32b, 66Mhz
0.13
W
32b, 33Mhz
0.07
W
TSEC I/O
MII
0.01
W
Multiply by number of interfaces
used.
GMII or TBI
0.07
W
RGMII or RTBI
0.04
W
CPM - FCC
MII
0.015
W
RMII
0.013
W
HDLC 16 Mbps
0.009
W
UTOPIA-8 SPHY
0.06
W
UTOPIA-8 MPHY
0.1
W
UTOPIA-16 SPHY
0.094
W
UTOPIA-16 MPHY
0.135
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com