Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 18Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 19Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 20Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 21Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 22Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 23Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 24Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
34844
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
All registers and POWER ON/OFF channels should be reconfigured every time the part gets recovered from a POR or shutdown
condition.
The configuration sequence every time the part is power up should be as follows:
1. Take the PWM pin low
2. Power up the part
3. Configure all registers
4. Take the PWM pin High
For configuring the part once in operation it is recommended to follow this sequence:
1. Take the PWM pin low
2. Configure the registers
3. Take the PWM pin High
Special considerations should be taken for re-configuring POWER ON/OFF functions, please refer to the POWER OFF and POWER
ON LED CHANNELS section.
Table 6. Write Registers
reg / db
D7
D6
D5
D4
D3
D2
D1
D0
00
OVP3
OVP2
OVP1
OVP0
NINEN
PINEN
EN
01
CLRI2C
SETI2C
04
FPWM5
FPWM4
FPWM3
FPWM2
FPWM1
FPWM0
05
FPWM11
FPWM10
FPWM9
FPWM8
FPWM7
FPWM6
06
FPWM17
FPWM16
FPWM15
FPWM14
FPWM13
FPWM12
07
DPWM7
DPWM6
DPWM5
DPWM4
DPWM3
DPWM2
DPWM1
DPWM0
08
PWR_OFF
CHEN4
CHEN3
CHEN2
CHEN1
CHEN0
09
PWR_ON
CLRFAIL
ALL_OFF
CHEN9
CHEN8
CHEN7
CHEN6
CHEN5
14
BST1
BST0
F0
ICH0_7
ICH0_6
ICH0_5
ICH0_4
ICH0_3
ICH0_2
ICH0_1
ICH0_0
F1
ICH1_7
ICH1_6
ICH1_5
ICH1_4
ICH1_3
ICH1_2
ICH1_1
ICH1_0
F2
ICH2_7
ICH2_6
ICH2_5
ICH2_4
ICH2_3
ICH2_2
ICH2_1
ICH2_0
F3
ICH3_7
ICH3_6
ICH3_5
ICH3_4
ICHG_3
ICH3_2
ICH3_1
ICH3_0
F4
ICH4_7
ICH4_6
ICH4_5
ICH4_4
ICH4_3
ICH4_2
ICH4_1
ICH4_0
F5
ICH5_7
ICH5_6
ICH5_5
ICH5_4
ICH5_3
ICH5_2
ICH5_1
ICH5_0
F6
ICH6_7
ICH6_6
ICH6_5
ICH6_4
ICH6_3
ICH6_2
ICH6_1
ICH6_0
F7
ICH7_7
ICH7_6
ICH7_5
ICH7_4
ICH7_3
ICH7_2
ICH7_1
ICH7_0
F8
ICH8_7
ICH8_6
ICH8_5
ICH8_4
ICH8_3
ICH8_2
ICH8_1
ICH8_0
F9
ICH9_7
ICH9_6
ICH9_5
ICH9_4
ICH9_3
ICH9_2
ICH9_1
ICH9_0
FA
ICHG_7
ICHG_6
ICHG_5
ICHG_4
ICHG_3
ICHG_2
ICHG_1
ICHG_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com