Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMST2369 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMST2369
Description  NPN switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMST2369 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMST2369 Datasheet HTML 1Page - NXP Semiconductors PMST2369 Datasheet HTML 2Page - NXP Semiconductors PMST2369 Datasheet HTML 3Page - NXP Semiconductors PMST2369 Datasheet HTML 4Page - NXP Semiconductors PMST2369 Datasheet HTML 5Page - NXP Semiconductors PMST2369 Datasheet HTML 6Page - NXP Semiconductors PMST2369 Datasheet HTML 7Page - NXP Semiconductors PMST2369 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 22
3
Philips Semiconductors
Product specification
NPN switching transistor
PMST2369
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
400
nA
IE = 0; VCB =20V; Tj = 125 °C
30
µA
IEBO
emitter cut-off current
IC = 0; VEB =4V
100
nA
hFE
DC current gain
IC = 10 mA; VCE = 1 V
40
120
IC = 10 mA; VCE =1V; Tamb = −55 °C20
IC = 100 mA; VCE = 2 V; note 1
20
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB =1mA
250
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 1 mA
700
850
mV
Cc
collector capacitance
IE =ie = 0; VCB = 5 V; f = 1 MHz
4pF
fT
transition frequency
IC = 10 mA; VCE = 10 V; f = 100 MHz 500
MHz
Switching times (between 10% and 90% levels); (see Fig.2)
ton
turn-on time
ICon = 10 mA; IBon = 3 mA;
IBoff = −1.5 mA
10
ns
td
delay time
4ns
tr
rise time
6ns
toff
turn-off time
20
ns
ts
storage time
10
ns
tf
fall time
10
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com