Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2124-252 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD2124-252
Description  Silicon NPN Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD2124-252 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD2124-252 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD2124-252 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Darlington Transistor
2SD2124
www.iscsemi.com
1
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 120V(Min)
·
DC Current Gain-
: hFE= 2000(Min)@ IC= 1A
APPLICATIONS
·
DC-DC converter,relay drivers,lamp drivers,motor
drivers, inverter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
1.5
A
ICM
Peak collector current
3
A
PC
Collector Power Dissipation
@TC= 25℃
18
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SD2124-252

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD2124-251 ISC-2SD2124-251 Datasheet
295Kb / 2P
Silicon NPN Darlington Transistor
More results

Similar Description - 2SD2124-252

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
NPN Silicon Darlington Transistor
logo
Micro Electronics
MPSA12 MICRO-ELECTRONICS-MPSA12 Datasheet
70Kb / 1P
NPN SILICON DARLINGTON TRANSISTOR
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
logo
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
NPN Silicon Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com