Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1972 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC1972
Description  Silicon NPN RF Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1972 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC1972 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1972 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN RF Power Transistor
2SC1972
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 17V(Min)
APPLICATIONS
· 10 to 14 Watts Output Power Amplifiers In VHF Band Mobile Radio Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
17
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current-Continuous
3.5
A
PC
Total Power Dissipation@ Ta=25℃
1.5
W
Total Power Dissipation@ TC=25℃
80
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10mA, IE= 0
35
--
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA, IB= 0
17
--
--
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 10mA, IC= 0
4
--
--
V
ICBO
Collector Cutoff Current
VCB= 25V, IE= 0
--
--
1
mA
IEBO
Emitter Cutoff Current
VEB= 3V, IC= 0
--
--
0.5
mA
hFE
DC Current Gain
IC= 0.1A, VCE= 10V
10
--
180
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7.2A, IB= 1.8A
--
--
3.0
V


Similar Part No. - 2SC1972

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC1972 MITSUBISHI-2SC1972 Datasheet
130Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
logo
Advanced Semiconductor
2SC1972 ASI-2SC1972 Datasheet
63Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
2SC1972 ELEFLOW-2SC1972 Datasheet
330Kb / 4P
10 to 14 watts output power amplifiers in VHF band mobile radio applications.
More results

Similar Description - 2SC1972

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com