Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA7330LR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA7330LR2
Description  짹4g - 16g Three Axis Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7330LR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA7330LR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7330LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sensors
Freescale Semiconductor
3
MMA7330L
Table 2. Operating Characteristics
Unless otherwise noted: –20°C < TA < 85°C, 2.2 V < VDD < 3.6 V, Acceleration = 0g, Loaded output(1)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current(4)
Supply Current at Sleep Mode(4)
Operating Temperature Range
Acceleration Range, X-Axis, Y-Axis, Z-Axis
g-Select: 0
g-Select: 1
VDD
IDD
IDD
TA
gFS
gFS
2.2
–20
2.8
400
3
±4
±16
3.6
600
10
+85
V
µA
µA
°C
g
g
Output Signal
Zero g (TA = 25°C, VDD = 2.8 V)(5)
Zero g(4)
Sensitivity (TA = 25°C, VDD = 2.8 V)
4g
16g
Sensitivity(4)
Bandwidth Response
XY
Z
Output Impedance
VOFF
VOFF, TA
S4g
S16g
S,TA
f-3dBXY
f-3dBZ
ZO
1.316
289.5
72.3
1.4
±2.0
308
77
±0.03
400
300
32
1.484
326.5
81.7
V
mg/°C
mV/g
mV/g
%/°C
Hz
Hz
k
Self Test
Output Response
XOUT, YOUT
ZOUT
Input Low
Input High
∆gSTXY
∆gSTZ
VIL
VIH
VSS
0.7 VDD
-0.1
+1.0
0.3 VDD
VDD
g
g
V
V
Noise
Power Spectral Density RMS (0.1 Hz – 1 kHz)(4)
nPSD
350
µg/
Control Timing
Power-Up Response Time(6)
Enable Response Time(7)
Self Test Response Time(8)
Sensing Element Resonant Frequency
XY
Z
Internal Sampling Frequency
tRESPONSE
tENABLE
tST
fGCELLXY
fGCELLZ
fCLK
1.0
0.5
2.0
6.0
3.4
11
2.0
2.0
5.0
ms
ms
ms
kHz
kHz
kHz
Output Stage Performance
Full-Scale Output Range (IOUT = 30 µA)
VFSO
VSS+0.25
VDD–0.25
V
Nonlinearity, XOUT, YOUT, ZOUT
NLOUT
–1.0
+1.0
%FSO
Cross-Axis Sensitivity(9)
VXY, XZ, YZ
-5.0
+5.0
%
1. For a loaded output, the measurements are observed after an RC filter consisting of an internal 32k
Ω resistor and an external 3.3nF capacitor
on the analog output for each axis and a 0.1
µF capacitor on Vdd - GND.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 2.2 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
4. This value is measured with g-Select in 4g mode.
5. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
6. The response time between 10% of full scale Vdd input voltage and 90% of the final operating output voltage.
7. The response time between 10% of full scale Sleep Mode input voltage and 90% of the final operating output voltage.
8. The response time between 10% of the full scale self test input voltage and 90% of the self test output voltage.
9. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com