Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8094481 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8094481
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8094481 Datasheet(HTML) 1 Page - Festo Corporation.

  8094481 Datasheet HTML 1Page - Festo Corporation. 8094481 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBC-M12W8-E-10-N-B-LE8
Part number: 8094481
General operating condition
Data sheet
Feature
Value
Based on norm
EN 61076-2-101
Certification
c UL us - Listed (OL)
Certificate issuing authority
UL E474609
Cable designation
Without label holder
Product weight
489 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Angled
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
8
Electrical connection 1, occupied pins/wires
8
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection for input 1, connection pattern
00992265
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, connection technology
Open end
Electrical connection 2, number of pins/wires
8
Electrical connection 2, occupied pins/wires
8
DC operating voltage range
0 V ... 30 V
Operating voltage range AC
0 V ... 30 V
Current rating at 40° C
2 A
Surge resistance
0.8 kV
Shield
no
Cable length
10 m
Cable characteristic
Suitable for energy chains
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
≥30 mm
Bending radius, flexible cable installation
≥30 mm
Cable diameter
6 mm
Cable diameter tolerance
± 0.2 mm
Cable design
8 x 0.25 mm²
Nominal conductor cross section
0.25 mm²
Wire ends
Stripped
Degree of protection
IP65
IP67
5/13/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8094481

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8094480 FESTO-8094480 Datasheet
77Kb / 2P
Connecting cable
8094482 FESTO-8094482 Datasheet
77Kb / 2P
Connecting cable
More results

Similar Description - 8094481

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com