| Electronic Components Datasheet Search |
|
B65813-J-R97 Datasheet(PDF) 5 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65813-J-R97 Datasheet(HTML) 5 Page - EPCOS |
|
5 / 8 page ![]() 239 08/01 Coil former for power applications Optimized for automatic winding Material: GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 °C), color code black Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s Winding: see “Processing Notes”, page 153 For matching clamp and insulating washer 1 see page 240 Sections AN mm2 lN mm AR value µΩ Pins Ordering code 1 41,5 52 43 12 B65814-C1512-T1 Hole arrangement View in mounting direction (Note half pitch!) Marking of pin 1 Ground Ø 1,3+0,1 B65814 Accessories RM 10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |