Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65813-J-R49 Datasheet(PDF) 5 Page - EPCOS

Part # B65813-J-R49
Description  RM 10 RM cores are supplied in sets
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65813-J-R49 Datasheet(HTML) 5 Page - EPCOS

  B65813-J-R49 Datasheet HTML 1Page - EPCOS B65813-J-R49 Datasheet HTML 2Page - EPCOS B65813-J-R49 Datasheet HTML 3Page - EPCOS B65813-J-R49 Datasheet HTML 4Page - EPCOS B65813-J-R49 Datasheet HTML 5Page - EPCOS B65813-J-R49 Datasheet HTML 6Page - EPCOS B65813-J-R49 Datasheet HTML 7Page - EPCOS B65813-J-R49 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
239 08/01
Coil former for power applications
Optimized for automatic winding
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
Winding:
see “Processing Notes”, page 153
For matching clamp and insulating washer 1 see page 240
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
41,5
52
43
12
B65814-C1512-T1
Hole arrangement
View in mounting direction
(Note half pitch!)
Marking of pin 1
Ground Ø 1,3+0,1
B65814
Accessories
RM 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List