Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS29A2 Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # PAS29A2
Description  Pushbutton switch, multiple options of caps, 1 amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PAS29A2 Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  PAS29A2 Datasheet HTML 1Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 2Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 3Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 4Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 5Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 6Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 7Page - Apex Electronics Co., Ltd PAS29A2 Datasheet HTML 8Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
PAS Series
Pushbutton switch, multiple options of caps, 1 amp
04
SPECIFICATIONS
RATING: 25mA @ 50VDC
ELECTRICAL LIFE: 10,000 cycles typical.
CONTACT RESISTANCE: 20 m max. typical at 2-4VDC, 100mA
INSULATION RESISTANCE: 100 M min.
DIELECTRIC STRENGTH: 500 V rms at sea level.
OPERATING FORCE: 250 ± 50gf
MATERIALS
HOUSING: Nylon 6/6.
COVER / CAP: ABS or polycarbonate.
DOME CONTACT: Gold over stainless steel.
TERMINALS / CONTACTS: Silver plated copper alloy.
HOW TO ORDER
1 = White
2 = Black (Std)
3 = Red (Std)
4 = Orange
5 = Yellow
6 = Green
7 = Blue
8 = Brown
9 = Gray
A
B
C
D
E
F
PAS
1012
*
Besides standard color,
other colors need to check stocks available.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com