Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSVC100M3502SC Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MSVC100M3502SC
Description  Motor-driven Slide Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MSVC100M3502SC Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MSVC100M3502SC Datasheet HTML 1Page - Apex Electronics Co., Ltd MSVC100M3502SC Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
MSVC Series
Motor-driven Slide Potentiometer
01
Features
60 and 100mm long travel
Programmable and precise slide pattern
Touch sensitive track
Custom options available
Applications
Panel control that requires analog signal change via sliding. Popular
for high-end audio mixer, stage lighting, or video editing
Potentiometer Specification
How to order
MSVC
Series
Travel
Lever
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
60 60mm
Output
S Single
D Dual
M3 8.2mm
100 100mm
Termination
T Thru-hole
G Solder lug
Operating Temperature
-10°C to +70°C
Operating Force
50gf max.
Total Resistance
5, 10, 20, 50, 100, 250, 500 K
Total Resistance Tolerance
±20%
Resistance Taper
Standard linear , custom linear or audio
Operating Voltage
10 VDC
Maximum Current
800mA
Slide Travel
100mm
Life Cycle
50,000
C Connector


Similar Part No. - MSVC100M3502SC

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0505D VOLGEN-MSV-0505D Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0509 VOLGEN-MSV-0509 Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0509D VOLGEN-MSV-0509D Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0512 VOLGEN-MSV-0512 Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MSVC100M3502SC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com