Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATGLTE Datasheet(PDF) 2 Page - Yuechung International Corp.

Part # ATGLTE
Description  GPS & GLONASS & LTE & AM/FM Combo External Antennas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ATGLTE Datasheet(HTML) 2 Page - Yuechung International Corp.

  ATGLTE Datasheet HTML 1Page - Yuechung International Corp. ATGLTE Datasheet HTML 2Page - Yuechung International Corp. ATGLTE Datasheet HTML 3Page - Yuechung International Corp. ATGLTE Datasheet HTML 4Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
YUECHUNG INTERNATIONAL CORP.
2
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
ATGLTE Series
2. Electrical Characteristics
Item
Specifications
GPS Antenna
Dielectric Center Frequency
1575.42±3MHz
Antenna
Polarization
RHCP
Gain
2dBic(Zenith)
V.S.W.R
<
1.5
Impedance
50Ω
LNA
Gain
28±2dB
Noise Figure
<
2.0dB
V.S.W.R
<
2.0
Supply Voltage
3~5V DC
Current Consumption
5~15mA
LTE Antenna MAIN
Frequency Range
698~960/MHz/1710~2690MHz
V.S.W.R
<
3.0
Polarization
Linear
Gain
3.5dBi(Zenith)
Impedance
50Ω
LTE Antenna AUX
Frequency Range
698~960/MHz/1710~2690MHz
V.S.W.R
<
3.0
Polarization
Linear
Gain
3.0dBi(Zenith)
Impedance
50Ω
FM/AM Antenna
Frequency Range
520~1629KHz/76~108MHz
V.S.W.R
<
2.5
Polarization
Linear
Gain
FM:16±3dB;AM:5±3dB
Impedance
50Ω
Supply Voltage
9~16V DC
Mechanical
Cable
RG174
Connector
FAKRA or others
Mounting Method
Screw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com