Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP2011 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FMP2011
Description  Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FMP2011 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FMP2011 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-
20
V
Gate-Body Leakage Current
IGSS
VDS =0V, VGS =±
12V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =-
20V, VGS =0V
-1
µA
On Characteristics (note 2)
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.
45
-0.85
-1
.2
V
VGS =-4.5V, ID =-
7.2A
15
2
3.5
Drain-Source On-State Resistance
RDS(on)
VGS =-2.5V, ID =-6.
4A
22
40
m
Ω
Forward Transconductance
g
FS
VDS =-10V, ID =-
7.2A
16
S
Dynamic Characteristics (note 3)
Input Capacitance
Ciss
2
700
Output Capacitance
Coss
680
Reverse Transfer Capacitance
Crss
VDS =-10V,VGS =0V,f =1MHz
590
pF
Total Gate Charge
Qg
35
4
8
Gate-Source Charge
Qgs
5
Gate-Drain Charge
Qgd
VDS =-
6V,VGS =-4.5V,ID =-10A
10
nC
Drain-Source Diode Characteristics
Diode Forward Current
IS
-1
1
A
Diode Forward Voltage
(note 2)
VSD
VGS =0V, ISD=-
1.9A
-1.2
V
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Pulse Test: Pulse With ≤300μs,Duty Cycle≤2%.
3. Guaranteed by design, not subject to production testing.
4. The value of RθJA is measured with the device mounted on 1 in2 FR-4 board with 2oz. Copper, double sides, in a still air
environment with TA=25℃.
a
T =25
unless otherwise specified
SWITCHING CHARACTERISTICS (note
3)
Turn-on delay time
td(on)
VGEN=-4.5V,VDD=-10V,
ID=-
1A,Rg=10Ω
1
1
ns
Turn-on rise time
tr
35
ns
Turn-off delay time
td(off)
30
ns
Turn-off fall time
tf
10
ns
FMP2011
P-Channel Power MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com