Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4LS Datasheet(PDF) 25 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 21Page - OSRAM GmbH 4LS Datasheet HTML 22Page - OSRAM GmbH 4LS Datasheet HTML 23Page - OSRAM GmbH 4LS Datasheet HTML 24Page - OSRAM GmbH 4LS Datasheet HTML 25Page - OSRAM GmbH 4LS Datasheet HTML 26Page - OSRAM GmbH 4LS Datasheet HTML 27Page - OSRAM GmbH 4LS Datasheet HTML 28Page - OSRAM GmbH 4LS Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 24
Status 4
Register
Bit 4
Status 4
Register
Bit 3
Test Mode
Register
Bit 0
Operation Mode Selected
Remark
0
0
1
ADC Test Mode
Internal Use Only
Do Not Use.
To operate in standard mode it is necessary to act in:
RST_CVC_L1 and RST_CVC_L2
RST_CDS_L1 and RST_CDS_L2
SAMPLE_L1 and SAMPLE_L2
Select CVC (Full Well Capacitance is configurable) and CDS gain using registers.
The next figure exemplifies how to act in these signals during this operation mode. For more details,
please refer to section 7.11.
Figure 31:
Standard Mode Operation
The sensor features a 12-bit ADC with programmable conversion gain and end range. The on chip
digital control circuit generates all necessary control signals for conversion and the readout modes.
The start of conversion and start of readout for a new line can optionally be triggered by external
signals. The ADC conversion range can be programmed over the serial interface. Higher conversion
range requires longer ADC conversion time.
"Companding" A/D conversion is presented with a total of four A/D conversion gains, each doubling
the conversion step for the next higher signal range. The thresholds for the doubling of the conversion
step are programmable over the serial configuration interface.
The sensor enables interleaved integration, A/D conversion and readout, therefore the overall pipeline
delay is minimum two line times.
RST_CVC_Lx
RST_CDS_Lx
Integration
Sample_Lx
Integration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com