| Electronic Components Datasheet Search |
|
TSL2568CS Datasheet(PDF) 18 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2568CS Datasheet(HTML) 18 Page - OSRAM GmbH |
|
18 / 56 page ![]() ams Datasheet Page 17 [v1-00] 2016-Apr-12 Document Feedback TSL2568, TSL2569 − Principles of Operation SMBus and I²C Protocols Each Send and Write protocol is, essentially, a series of bytes. A byte sent to the TSL256x with the most significant bit (MSB) equal to 1 will be interpreted as a COMMAND byte. The lower four bits of the COMMAND byte form the register select address (see Figure 27), which is used to select the destination for the subsequent byte(s) received. The TSL256x responds to any Receive Byte requests with the contents of the register specified by the stored register select address. The TSL256X implements the following protocols of the SMB 2.0 specification: • Send Byte Protocol • Receive Byte Protocol • Write Byte Protocol • Write Word Protocol • Read Word Protocol • Block Write Protocol • Block Read Protocol The TSL256X implements the following protocols of the Philips Semiconductor I²C specification: • I²C Write Protocol • I²C Read (Combined Format) Protocol When an SMBus Block Write or Block Read is initiated (see description of Command Register), the byte following the COMMAND byte is ignored but is a requirement of the SMBus specification. This field contains the byte count (i.e. the number of bytes to be transferred). The TSL2568 (SMBus) device ignores this field and extracts this information by counting the actual number of bytes transferred before the Stop condition is detected. When an I²C Write or I²C Read (Combined Format) is initiated, the byte count is also ignored but follows the SMBus protocol specification. Data bytes continue to be transferred from the TSL2569 (I²C) device to Master until a NACK is sent by the Master. The data formats supported by the TSL2568 and TSL2569 devices are: • Master transmitter transmits to slave receiver (SMBus and I²C): • The transfer direction in this case is not changed. • Master reads slave immediately after the first byte (SMBus only): • At the moment of the first acknowledgment (provided by the slave receiver) the master transmitter becomes a master receiver and the slave receiver becomes a slave transmitter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |